Electronic Components Datasheet Search |
|
EGP10B Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
EGP10B Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 2 page = 1.0A V EGP10A – EGP10M 10A 1 of 2 Features ! Low Forward Voltage Drop ! High Current Capability A B A ! High Reliability ! High Surge Current Capability Mechanical Data Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Symbol EGP Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 300 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 210 280 420 560 700 V Average Rectified Output Current (Note 1) @TA = 55°C IO 1.0 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 30 A Forward Voltage @IF FM 1.0 1.3 1.7 V Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IRM 5.0 100 µA Reverse Recovery Time (Note 2) trr 50 75 nS Typical Junction Capacitance (Note 3) Cj 60 40 pF Operating Temperature Range Tj -65 to +150 °C Storage Temperature Range TSTG -65 to +150 °C Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case 2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5. 3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 1.0A GLASS PASSIVATED ULTRAFAST DIODE ! Glass Passivated Die Construction C ! Case: Molded Plastic D ! Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band ! Weight: 0.34 grams (approx.) ! Mounting Position: Any ! Marking: Type Number ! Lead Free: For RoHS / Lead Free Version Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com 10B EGP 10D EGP 10F EGP 10G EGP EGP 10J 10K EGP 10M EGP EGP10A – EGP10M DO-41 Dim Min Max A 24.5 — B 4.06 5.21 C 0.60 0.80 D 2.00 3.00 All Dimensions in mm Alldatasheet |
Similar Part No. - EGP10B |
|
Similar Description - EGP10B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |