Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMS1F Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # EMS1F
Description  SUPER FAST SURFACE MOUNT 1.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

EMS1F Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  EMS1F Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd EMS1F Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
1.0A
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm2 solder pad.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
4. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
High Surge Current Capability
Glass Passivated Die Construction
Designed for Surface Mount Application
!
!
Low Forward Voltage Drop
!
High Current Capability
!
!
!
Plastic Material – UL Flammability 94V-O
                 
Mechanical Data
100
200
400
600
V
nS
Characteristic
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current (Note 1) @TA = 40°C
Average Rectified Output Current (Note 2) @TA = 40°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
35
A
I2t Rating for Fusing (t < 8.3ms)
I2t5.0
A2s
Forward Voltage per element
@IF = 1.0A
VFM
0.95
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 3)
Cj
13
pF
Typical Thermal Resistance per leg (Note 1)
RJA
RJL
62.5
25
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Unit
Symbol
Reverse Recovery Time (Note 4)
trr
35
70
140
280
560
V
1.25
1.7
EMB1F – EMB6F
EMB1F - EMB6F
EMB1F
EMB2F
EMB4F
EMB6F
Case: MB-F, Molded Plastic
Weight: 0.134 grams (approx.)
MIL-STD-202, Method 208
-
+
H
~
~
D
E
A
J
!
!
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
!
!
Mounting Position: Any
!
Marking: Type Number
MB-F
Dim
Min
Max
A
4.50
4.95
B
3.60
4.10
C
0.15
0.35
D
—0.20
E
G
0.50
1.10
H
1.30
1.70
J
1.20
1.60
K
2.30
2.70
L
—1.80
All Dimensions in mm
—0.20
6.40
7.00
!
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
K
B
G
Alldatasheet


Similar Part No. - EMS1F

ManufacturerPart #DatasheetDescription
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
logo
EXCEL CELL ELECTRONIC C...
EMS1006 ECE-EMS1006 Datasheet
314Kb / 9P
   MACHINE PIN SOCKET
EMS1008 ECE-EMS1008 Datasheet
314Kb / 9P
   MACHINE PIN SOCKET
logo
Excelics Semiconductor,...
EMS101-C EXCELICS-EMS101-C Datasheet
182Kb / 3P
   DC-6GHz GaAs MMIC SPDT SWITCH
EMS101-P EXCELICS-EMS101-P Datasheet
49Kb / 2P
   DC-6GHz GaAs MMIC SPDT SWITCH
More results

Similar Description - EMS1F

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
EABS151 ZSELEC-EABS151 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMS1S ZSELEC-EMS1S Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB1S ZSELEC-EMB1S Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EMB1F ZSELEC-EMB1F Datasheet
95Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EABS21 ZSELEC-EABS21 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EABS1 ZSELEC-EABS1 Datasheet
94Kb / 2P
   SUPER FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
DF005S SHUNYE-DF005S Datasheet
100Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com