Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS3106A22-10SW Datasheet(PDF) 3 Page - DDK Ltd.

Part # DMS3106A22-10SW
Description  MIL-DTL-5015 Style Circular Connectors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DMS3106A22-10SW Datasheet(HTML) 3 Page - DDK Ltd.

  DMS3106A22-10SW Datasheet HTML 1Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 2Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 3Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 4Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 5Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 6Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 7Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 8Page - DDK Ltd. DMS3106A22-10SW Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
http://www.ddknet.co.jp
D/MS A/B Series
3
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○D/MS Series A/B Type Ordering Information
D/MS3102A18-10PY (62)
Connector Style
D/MS3100A
Wall Mount Receptacle
D/MS3106B
Straight Plug
(Split Backshell)
D/MS3108B
Right Angle Plug
(Split Backshell)
Alternate Insert Position
No letter is required for normal
position. The alternate insert
positions, W, X, Y and Z, are
available. W, X, Y and Z designate
that an insert is rotated in its shell
from the standard position. For
detailed alternate insert positions,
refer to page 8
CL
(12S 〜 36 Size)
(12S 〜 36 Size)
(10SL 〜 36 Size)
(10SL 〜 36 Size)
(12S 〜 36 Size)
(12S 〜 36 Size)
D/MS3101A
Cable Receptacle
D/MS3102A
Box Mount Receptacle
D/MS3106A
Straight Plug
Shell Size
Shell sizes are designated by the
screw size of mating part which is
described in inches multiply by 16.
(e.g.) When the screw size of mating
part is 1 1/8-18, it is 1 1/8 X 16 =18
of which shell size is 18.
(Available shell size) :
10SL,12S,14S,16S, 16, 18, 20, 22,
24, 28, 32 and 36.
Insert Arrangement
This is the number allocated to each shell size
respectively with its sequential number beginning from
number one(1). (However, there are the numbers
which are not used.) The insert arrangement number
does not show the number of contacts.
For example on the insert arrangement 18-10:
18 shows the shell size. 10 shows the insert
arrangement. (The number of contacts is 4.)
With regard to the insert arrangement, refer to page
4 to page 7.
Contact Type
P:Pin Contact
S :Socket Contact
When a receptacle connector has
pin contacts (P), its mating plug
connector should have socket
contacts(S). Reverse style of
contacts is also feasible.
Deviation
Omit : Silver Plated Contacts (Standard)
(62) : Gold Plated Contacts (0.5 μ m AU over Ni)


Similar Part No. - DMS3106A22-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A22-29PW(D190) DDK-DMS3106A22-29PW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A22-29PX(D190) DDK-DMS3106A22-29PX(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A22-29PY(D190) DDK-DMS3106A22-29PY(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A22-29PZ(D190) DDK-DMS3106A22-29PZ(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
DMS3106A22-29SW(D190) DDK-DMS3106A22-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - DMS3106A22-10SW

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DMS3106A10SL-29SW(D190) DDK-DMS3106A10SL-29SW(D190) Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
logo
Amphenol Corporation
MS3102A18-3PW AMPHENOL-MS3102A18-3PW Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
logo
Amphenol Aerospace Oper...
1928309 AAO-1928309 Datasheet
3Mb / 33P
   MIL-DTL-5015, Matrix
logo
Amphenol Corporation
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com