Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR2D Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR2D
Description  2.0A SURFACE MOUNT FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FR2D Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FR2D Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FR2D Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = 25°C
j
I Pulse Width: 300 s
F
µ
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25°C
j
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Forward Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
T = 150°C
j
40
50
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Derating Curve
A
°
Single phase half-wave
60 Hz resistive or inductive load
FR2A – FR2M
FR2A – FR2M
Alldatasheet


Similar Part No. - FR2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FR2D PANJIT-FR2D Datasheet
59Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
SEMTECH ELECTRONICS LTD...
FR2D SEMTECH_ELEC-FR2D Datasheet
249Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
FR2D CHENDA-FR2D Datasheet
950Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Surge Components
FR2D SURGE-FR2D Datasheet
80Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes?
logo
CHENG-YI ELECTRONIC CO....
FR2D CHENG-YI-FR2D Datasheet
127Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
More results

Similar Description - FR2D

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS2A ZSELEC-RS2A Datasheet
148Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
FS2A ZSELEC-FS2A Datasheet
74Kb / 2P
   2.0A SURFACE MOUNT FAST RECOVERY DIODE
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR2A WTE-FR2A_06 Datasheet
53Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
RS2AF ZSELEC-RS2AF Datasheet
109Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
logo
Won-Top Electronics
FR2A WTE-FR2A Datasheet
48Kb / 3P
   2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
SMC Diode Solutions Co....
FR2A SMCDIODE-FR2A Datasheet
286Kb / 4P
   2.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev. A
logo
Zibo Seno Electronic En...
FR201 ZSELEC-FR201 Datasheet
116Kb / 2P
   2.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
FR201 WTE-FR201_06 Datasheet
54Kb / 4P
   2.0A FAST RECOVERY DIODE
logo
SUNMATE electronic Co.,...
MMBD914 SUNMATE-MMBD914 Datasheet
120Kb / 2P
   2.0A Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com