Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILD621-X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILD621-X007
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD621-X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  ILD621-X007 Datasheet HTML 1Page - Vishay Siliconix ILD621-X007 Datasheet HTML 2Page - Vishay Siliconix ILD621-X007 Datasheet HTML 3Page - Vishay Siliconix ILD621-X007 Datasheet HTML 4Page - Vishay Siliconix ILD621-X007 Datasheet HTML 5Page - Vishay Siliconix ILD621-X007 Datasheet HTML 6Page - Vishay Siliconix ILD621-X007 Datasheet HTML 7Page - Vishay Siliconix ILD621-X007 Datasheet HTML 8Page - Vishay Siliconix ILD621-X007 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VISHAY
ILD621/ GB/ ILQ621/ GB
Document Number 83654
Rev. 1.3, 19-Apr-04
Vishay Semiconductors
www.vishay.com
1
i179054
1
2
3
4
8
7
6
5
E
C
C
E
A
C
C
A
A
C
C
A
A
C
C
A
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Dual Channel
Quad Channel
Optocoupler, Phototransistor Output (Dual, Quad Channel)
Features
• Alternate Source to TLP621-2/-4 and
TLP621GB-2/-4
• High Collector-Emitter Voltage, BVCEO=70 V
• Dual and Quad Packages Feature:
- Lower Pin and Parts Count
- Better Channel to Channel CTR Match
- Improved Common Mode Rejection
• Isolation Test Voltage 5300 VRMS
Agency Approvals
• UL File # E52744 System Code H or J
• DIN EN 60747-5-2(VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• BSI IEC60950 IEC60965
• FIMKO
Description
The ILD621/ ILQ621 and ILD621GB/ ILQ621GB are
multi-channel phototransistor optocouplers that use
GaAs IRLED emitters and high gain NPN silicon pho-
totransistors. These devices are constructed using
double molded insulation technology. This assembly
process offers a withstand test voltage of 7500 VDC.
The ILD621/ ILQ621GB is well suited for CMOS inter-
facing given the CTR CE sat of 30 % minimum at I F of
1.0 mA. High gain linear operation is guaranteed by a
minimum CTR CE of 100 % at 5.0 mA. The ILD/Q621
has a guaranteed CTR CE 50 % minimum at 5.0 mA.
The TRansparent IOn Shield insures stable DC gain
in applications such as power supply feedback cir-
cuits, where constant DC VIO voltages are present.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
ILD621
CTR > 50 %, DIP-8
ILD621GB
CTR > 100 %, DIP-8
ILQ621
CTR > 50 %, DIP-16
ILQ621GB
CTR > 100 %, DIP-16
ILD621-X006
CTR > 50 %, DIP-8 400 mil (option 6)
ILD621-X007
CTR > 50 %, SMD-8 (option 7)
ILD621-X009
CTR > 50 %, SMD-8 (option 9)
ILD621GB-X007
CTR > 100 %, SMD-8 (option 7)
ILQ621-X006
CTR > 50 %, DIP-8 400 mil (option 6)
ILQ621-X007
CTR > 50 %, SMD-16 (option 7)
ILQ621-X009
CTR > 50 %, SMD-16 (option 9)
ILQ621GB-X006
CTR > 100 %, DIP-16 400 mil (option 6)
ILQ621GB-X007
CTR > 100 %, SMD-16 (option 7)
ILQ621GB-X009
CTR > 100 %, SMD-16 (option 9)


Similar Part No. - ILD621-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD621-X007 VISHAY-ILD621-X007 Datasheet
176Kb / 10P
   Optocoupler, Phototransistor Output
Rev. 1.5, 20-Dec-07
ILD621-X007 VISHAY-ILD621-X007 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILD621-X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
ILD615 VISHAY-ILD615_07 Datasheet
192Kb / 13P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.5, 20-Dec-07
ILD1 VISHAY-ILD1_V02 Datasheet
193Kb / 10P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD3 VISHAY-ILD3 Datasheet
143Kb / 5P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.3, 19-Apr-04
ILD621 VISHAY-ILD621_V01 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ615 VISHAY-ILQ615_V01 Datasheet
213Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILQ74 VISHAY-ILQ74_V01 Datasheet
187Kb / 8P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2022
ILD621 VISHAY-ILD621_V02 Datasheet
178Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
01-Jan-2023
ILD1-X009T VISHAY-ILD1-X009T Datasheet
200Kb / 11P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.8, 28-Jun-11
ILD615 VISHAY-ILD615 Datasheet
212Kb / 12P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.6, 04-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com