Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5308085 Datasheet(PDF) 3 Page - SICK AG

Part # 5308085
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

5308085 Datasheet(HTML) 3 Page - SICK AG

  5308085 Datasheet HTML 1Page - SICK AG 5308085 Datasheet HTML 2Page - SICK AG 5308085 Datasheet HTML 3Page - SICK AG 5308085 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LL3-DT02 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Included with delivery
Mounting, 2 x M3 hexagon nut, 2 x washer, adapter sleeves, BF-WLL160-10 (1.0 mm) adapter
sleeves, FC fiber cutter (5304141)
Compatibility tip adapters
No
1) Stainless steel.
2) FC fiber optic cable cutter included in delivery.
3) C = Coaxial, S = Sender, E = Receiver.
4) Minimum detectable object was determined at optimum measuring distance and optimum setting.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Sensing ranges with WLL180T
Operating mode 16 µs
10 mm
Operating mode 70 µs
30 mm
Operating mode 250 µs
60 mm
Operating mode 2 ms
140 mm
Operating mode 8 ms
225 mm
Sensing ranges with GLL170
Operating mode 250 µs
10 mm
Sensing ranges with GLL170T
Operating mode 50 µs
10 mm
Operating mode 250 µs
30 mm
Dimensional drawing (Dimensions in mm (inch))
LL3-DT02
Ø 0.25 x 1
Ø 3
Ø 1.0 x 2
Ø 0.82
M3 x 0.5
10
15
5
2.4
1)
1) End tip cannot be bent
500
2017-08-15 16:43:06 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - 5308085

ManufacturerPart #DatasheetDescription
logo
SICK AG
5308080 SICK-5308080 Datasheet
194Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
5308081 SICK-5308081 Datasheet
183Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
5308082 SICK-5308082 Datasheet
218Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
5308083 SICK-5308083 Datasheet
216Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
5308084 SICK-5308084 Datasheet
194Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5308085

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com