Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3412 Datasheet(PDF) 8 Page - International Rectifier

Part # IRFU3412
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3412 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRFU3412 Datasheet HTML 2Page - International Rectifier IRFU3412 Datasheet HTML 3Page - International Rectifier IRFU3412 Datasheet HTML 4Page - International Rectifier IRFU3412 Datasheet HTML 5Page - International Rectifier IRFU3412 Datasheet HTML 6Page - International Rectifier IRFU3412 Datasheet HTML 7Page - International Rectifier IRFU3412 Datasheet HTML 8Page - International Rectifier IRFU3412 Datasheet HTML 9Page - International Rectifier IRFU3412 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRFR/U3412
8
www.irf.com
TO-252AA (D-Pak) Package Outline
Dimensions are shown in millimeters (inches)
TO-252AA (D-Pak) Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
4
1
2
3
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
4.57 (.180)
2.28 (.090)
2X
1.14 (.045)
0.76 (.030)
1.52 (.060)
1.15 (.045)
1.02 (.040)
1.64 (.025)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
6.45 (.245)
5.68 (.224)
0.51 (.020)
MIN.
0.58 (.023)
0.46 (.018)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
10.42 (.410)
9.40 (.370)
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE TO-252AA.
4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP,
SOLDER DIP MAX. +0.16 (.006).
INT ERNAT IONAL
LOGO
RECT IFIER
34
12
IRF U120
916A
LOT CODE
AS S EMBLY
EXAMPLE:
WIT H AS S EMBLY
THIS IS AN IRFR120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 16
IN T HE AS S EMBLY LINE "A"
AS S EMBLED ON WW 16, 1999
LOT CODE 1234
PART NUMBER


Similar Part No. - IRFU3412

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU3412 KERSEMI-IRFU3412 Datasheet
3Mb / 10P
   Switch Mode Power Supply (SMPS)
logo
International Rectifier
IRFU3412PBF IRF-IRFU3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFU3412PBF KERSEMI-IRFU3412PBF Datasheet
3Mb / 10P
   SMPS MOSFET
IRFU3412PBF KERSEMI-IRFU3412PBF Datasheet
3Mb / 10P
   SMPS MOSFET
More results

Similar Description - IRFU3412

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com