Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-TW3 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-TW3
Description  SENSOR SIGNAL CONDITIONER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW3 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-TW3_17 Datasheet HTML 6Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 7Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 8Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 9Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 10Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 11Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 12Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 13Page - IC-Haus GmbH IC-TW3_17 Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
iC-TW3 SENSOR SIGNAL CONDITIONER WITH
TEMPERATURE COMPENSATION AND LINE DRIVER
Rev B2, Page 10/26
REGISTER MAP
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Configuration Registers
0x00
ROM Device ID[7:0]
0x01
OGAIN[1:0]
SINGLEIN
FREQ[1:0]
GENTLE
DYNAMIC
TEMP
0x02
VEXT
XCELSIUS
OGAINZ[1:0]
MODEZ
BYPASSZ
SINGLEINZ
POLARITYZ
0x03
ERR_SIG
ERR_TEMP
ERR_EE
TALARM[2:0]
ENSIGZ
ENSIGAB
0x04
EN_NSTORE*
FILTER[1:0]
PDZ
PDB
PDA
0x05
CCELSIUS[3:0]
FCELSIUS[3:0]
0x06
GAINZ[2]
OFSZ[5:0]
0x07
GAINZ[1:0]
CGAINB[2:0]
CGAINA[2:0]
0x08
COFSA[7:0]
0x09
COFSB[7:0]
0x0A
DGAINA[7:0]
0x0B
DGAINB[7:0]
0x0C
DOFSA[7:0]
0x0D
DOFSB[7:0]
0x0E
VC[1:0]*
CLKSLOW*
CLKDIV
TEST_CLK
PD_CELSIUS
0x0F
Internal Checksum(7:0)
0x10
TEST_ADC*
TEST_VGA*
TEST_PGA*
VTEST1*
VTEST0*
PD_BG*
TEST_BG*
0x11
0x12
CELSIUS[7:0]
0x13
Internal State Machine Registers
0x14
INTERNAL USE
0x15
INTERNAL USE
0x16
INTERNAL USE
0x17
INTERNAL USE
0x18
INTERNAL USE
0x19
INTERNAL USE
0x1A
INTERNAL USE
0x1B
INTERNAL USE
0x1C
INTERNAL USE
0x1D
INTERNAL USE
0x1E
INTERNAL USE
0x1F
INTERNAL USE
0x20
INTERNAL USE
0x21
INTERNAL USE
0x22
INTERNAL USE
0x23
INTERNAL USE
0x24
INTERNAL USE
0x25
INTERNAL USE
0x26
INTERNAL USE
0x27
INTERNAL USE
Peripheral Registers
0x40
CELSIUSRAW[7:0]
0x41
CHANNEL
OFS_P
OFS_N
GAIN_P
GAIN_N
0x42
EE_ERR
XERR_OUT
1OUTPUT
1INPUT
XSTORE
SIG_VALID


Similar Part No. - IC-TW3_17

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW3QFN32 ICHAUS-IC-TW3QFN32 Datasheet
443Kb / 24P
   SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
More results

Similar Description - IC-TW3_17

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3123 IDT-ZSSC3123 Datasheet
688Kb / 63P
   Capacitive Sensor Signal Conditioner
logo
Texas Instruments
PGA301-Q1 TI1-PGA301-Q1 Datasheet
63Kb / 3P
[Old version datasheet]   Pressure Sensor Signal Conditioner
PGA400-Q1 TI1-PGA400-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
logo
Integrated Device Techn...
ZSSC416X IDT-ZSSC416X Datasheet
201Kb / 4P
   Sensor Signal Conditioner Family
logo
Texas Instruments
PGA400-EP TI1-PGA400-EP Datasheet
1Mb / 99P
[Old version datasheet]   PRESSURE SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com