Electronic Components Datasheet Search |
|
IRKV105 Datasheet(PDF) 1 Page - International Rectifier |
|
IRKV105 Datasheet(HTML) 1 Page - International Rectifier |
1 / 8 page Major Ratings and Characteristics Parameters IRKU/V105 Units I T(AV) @ 85°C 105 A I T(RMS) 165 A I TSM @ 50Hz 1785 A @ 60Hz 1870 A I 2t @ 50Hz 15.91 KA 2s @ 60Hz 14.52 KA 2s I 2√t 159.1 KA 2√s V RRM range 400 to 1600 V T STG - 40 to 125 oC TJ - 40 to130 oC 1 105 A ADD-A-pakTM GEN V Power Modules THYRISTOR/ THYRISTOR IRKU/V105 SERIES Bulletin I27136 rev. E 10/02 www.irf.com Features High Voltage Industrial Standard Package Thick Al metal die and double stick bonding Thick copper baseplate UL E78996 approved 3500V RMS isolating voltage Benefits Up to 1600V Full compatible TO-240AA High Surge capability Easy Mounting on heatsink Al 203 DBC insulator Heatsink grounded Mechanical Description The Generation V of Add-A-pak module combine the excellent thermal performance obtained by the usage of Direct Bonded Copper substrate with superior me- chanical ruggedness, thanks to the insertion of a solid Copper baseplate at the bottom side of the device. The Cu baseplate allow an easier mounting on the majority of heatsink with increased tolerance of sur- face roughness and improve thermal spread. The Generation V of AAP module is manufactured without hard mold, eliminating in this way any possible direct stress on the leads. Electrical Description These modules are intended for general purpose high voltage applications such as high voltage regulated power supplies, lighting circuits, temperature and motor speed control circuits, UPS and battery charger. The electrical terminals are secured against axial pull- out: they are fixed to the module housing via a click-stop feature already tested and proved as reliable on other IR modules. |
Similar Part No. - IRKV105 |
|
Similar Description - IRKV105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |