Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-RC1000 Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-RC1000
Description  SIN/COS SIGNAL SAFETY MONITOR IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-RC1000 Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-RC1000_14 Datasheet HTML 5Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 6Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 7Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 8Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 9Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 10Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 11Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 12Page - IC-Haus GmbH IC-RC1000_14 Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
iC-RC1000
SIN/COS SIGNAL SAFETY MONITOR IC
Rev C2, Page 9/14
Single-ended application
Signals referring to ground with double amplitude (400 bis 600 mV) can also be monitored; for this purpose the
negative input must be kept in the permissible common mode range (e.g. at VCC/2).
51kΩ
GND
OK
ERR
VCC1
VCC2
iC-RC1000
PSIN
NSIN
PCOS
51kΩ
NCOS
PSIN
ERR
OK
PCOS
VCC2
VCC1
GND
GND
Figure 4: Single-ended application
Monitoring of phase shift
The phase shift between SIN (PSIN-NSIN) and COS (PCOS-NCOS) can be monitored only indirectly, what
leads to limitations. The following table shows the phase error tolerance for different input frequencies. Any
larger phase shift results in an error message.
1 Hz
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz
200 kHz
300 kHz
400 kHz
500 kHz
0.8 Vpp ±18 °
±18 °
±18 °
±18 °
±20 °
±33 °
±48 °
±75 °
*
*
1.0 Vpp ±34 °
±34 °
±34 °
±34 °
±36 °
±50 °
±65 °
*
*
*
1.2 Vpp ±9 °
±9 °
±9 °
±9 °
±10 °
±15 °
±22 °
±25 °
±35 °
±45 °
Table 5: Permissible phase error ∆PHI between SIN and COS for different input frequencies (without series
resistors); *) No error message (OK = 1 and ERR = 0)


Similar Part No. - IC-RC1000_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
More results

Similar Description - IC-RC1000_14

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com