Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-RC1000 Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-RC1000
Description  SIN/COS SIGNAL SAFETY MONITOR IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-RC1000 Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-RC1000 Datasheet HTML 4Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 5Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 6Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 7Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 8Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 9Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 10Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 11Page - IC-Haus GmbH IC-RC1000 Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
iC-RC1000
SIN/COS SIGNAL SAFETY MONITOR IC
Rev C2, Page 8/14
APPLICATION NOTES
Application with Series Resistors
The input pins can be loaded permanently with up to 2 mA, and this permissible maximum current determines
the resistor value of Rv. The input pins are limited to the supply voltage plus the clamp voltage Vc()hi by the
integrated clamping circuit (see Elec.Char. No. 002).
ERR
Rv
Rv
Rv
Rv
iC-RC1000
PSIN
NSIN
PCOS
NCOS
GND
VCC1
VCC2
OK
VCC2
ERR
PSIN
NSIN
PCOS
NCOS
OK
VCC1
GND
GND
Figure 3: Overvoltage protection with external resistors
In this application, the following must be paid attention to:
1. The power loss in the series resistor
2. The cut-off frequency at the input pins
The following example refers to the measurings with the evaluation board RC1D. For an overvoltage capability
of up to 36 V resistors of for instance 39 kΩ or 18 kΩ can be used. On the evaluation board the capacity of each
input pin is approximately 10 pF. The cut-off frequency can be calculated using the capacity and the selected
series resistor (Table 4).
39 kΩ
408 kHz
18 kΩ
880 kHz
Table 4: Cut-off frequency (-3 dB) with series resistor
A -3 dB cut-off frequency of 880 kHz means that the input amplitude at 500 kHz is already approximately 1 dB
lower. Concerning the amplitude monitoring this means that the error message at 500 kHz is only carried out at
a 10 % higher input amplitude.
Note: The iC’s pin capacity is approximately 5 pF; additional capacitances should be kept as low as possible if
higher frequency input signals are to be monitored.


Similar Part No. - IC-RC1000

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
More results

Similar Description - IC-RC1000

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-RC1000 ICHAUS-IC-RC1000 Datasheet
397Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-MSA ICHAUS-IC-MSA Datasheet
718Kb / 29P
   SIN/COS SIGNAL CONDITIONER with AGC and 1Vpp DRIVER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com