Electronic Components Datasheet Search |
|
IC-NQC Datasheet(PDF) 2 Page - IC-Haus GmbH |
|
IC-NQC Datasheet(HTML) 2 Page - IC-Haus GmbH |
2 / 30 page iC-NQC 13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION Rev D3, Page 2/30 DESCRIPTION iC-NQC is a monolithic A/D converter which, by ap- plying a count-safe vector follower principle, converts sine/cosine sensor signals with a selectable resolu- tion and hysteresis into angle position data. This absolute value is output via a bidirectional, synchronous-serial I/O interface in BiSS C protocol and trails a master clock rate of up to 10 Mbit/s. Alter- natively, this value can be output so that it is compat- ible with SSI in Gray or binary code, with or without error bits. The device also supports double transmis- sion in SSI ring mode. Signal periods are logged quickly by a 24-bit period counter that can supplement the output data with an upstream multiturn position value. At the same time any changes in angle are con- verted into incremental A QUAD B signals. Here, the minimum transition distance can be stipulated and adapted to suit the system on hand (cable length, ex- ternal counter). A synchronized zero index Z is gen- erated if enabled by PZERO and NZERO. The front-end amplifiers are configured as instrumen- tation amplifiers, permitting sensor bridges to be di- rectly connected without the need for external resis- tors. Various programmable D/A converters are avail- able for the conditioning of sine/cosine sensor signals with regard to offset, amplitude ratio and phase er- rors (offset compensation by 8-bit DAC, gain ratio by 5-bit DAC, phase compensation by 6-bit DAC). The front-end gain can be set in stages graded to suit all common complementary sensor signals from approximately 20 mVpp to 1.5 Vpp and also non- complementary sensor signals from 40 mVpp to 3 Vpp respectively. The device can be configured using two bidirectional interfaces, the EEPROM interface from a serial EEP- ROM with I2C interface, or the I/O interface in BiSS C protocol. Free storage space on the EEPROM can be accessed via BiSS for the storage of additional data. After a low voltage reset, iC-NQC reads in the config- uration data including the check sum (CRC) from the EEPROM and repeats the process if a CRC error is detected. The device described here is a multifunctional iC that contains integrated BiSS C interface components. The BiSS C process is protected by patent DE 10310622 B4 owned by iC-Haus GmbH and its application requires the conclusion of a license (free of charge). Download the license at www.biss-interface.com/bua |
Similar Part No. - IC-NQC |
|
Similar Description - IC-NQC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |