Electronic Components Datasheet Search |
|
IC-MQF Datasheet(PDF) 5 Page - IC-Haus GmbH |
|
IC-MQF Datasheet(HTML) 5 Page - IC-Haus GmbH |
5 / 38 page preliminary preliminary iC-MQF PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER Rev C1, Page 5/38 ABSOLUTE MAXIMUM RATINGS Beyond these values damage may occur; device operation is not guaranteed. Item Symbol Parameter Conditions Unit No. Min. Max. G001 V() Voltage at VDD, PA, NA, PB, NB, PZ, NZ, SCL, SDA, ACO -6 6 V G002 V() Voltage at ERR -6 8 V G003 V() Pin-to-Pin Voltage 6 V G004 V() Voltage at X1...X6, SCL, SDA -0.3 VDDS + 0.3 V G005 I(VDD) Current in VDD -20 400 mA G006 I() Current in VDDS, GNDS -50 50 mA G007 I() Current in X1...X6, SCL, SDA, ERR -20 20 mA G008 I() Current in PA, NA, PB, NB, PZ, NZ -100 100 mA G009 I(ACO) Current in ACO -100 20 mA G010 Vd() ESD Susceptibility at all pins HBM 100 pF discharged through 1.5 kΩ 2 kV G011 Ptot Permissible Power Dissipation 300 mW G012 Tj Junction Temperature -40 150 °C G013 Ts Storage Temperature -40 150 °C THERMAL DATA Item Symbol Parameter Conditions Unit No. Min. Typ. Max. T01 Ta Operating Ambient Temperature Range -40 100 °C T02 Rthja Thermal Resistance Chip to Ambient 80 K/W All voltages are referenced to pin GNDS unless otherwise stated. All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative. |
Similar Part No. - IC-MQF |
|
Similar Description - IC-MQF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |