Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

430783051816 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 430783051816
Description  6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

430783051816 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  430783051816 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 430783051816 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 430783051816 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 430783051816 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 430783051816 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Cautions and Warnings:
The following conditions apply to all Tact Switches (hereinafter referred as to “switch” or
“Tact switch”) of Würth Elektronik eiSos GmbH & Co. KG:
General:
• This switch is designed and developed with the intention for use in general electronics equipment.
• Before incorporating the switch into any equipment in the field such as aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc. where
higher safety and reliability are especially required or if there is possibility of direct damage or injury to human body, Würth Elektronik
must be asked for a written approval.
• In addition, even switches in general electronic equipment, when used in electrical circuits that require high safety, reliability functions or
performance, the sufficient reliability evaluation-check for the safety must be performed by the user before usage.
• The switch is designed and manufactured to be used within the datasheet specified values.
• Do not use the switch outside the datasheet specifications.
• Prevent any damage or scratches on the switch, especially on the actuator.
• Direct mechanical impact to the switch shall be prevented (e.g. overlapping of the PCB´s).
• The responsibility for the applicability of the customer specific products and use in a particular customer design is always within the
authority of the customer. All technical specification for standard products do also apply to customer specific products.
Product Specific:
Soldering:
• The solder profile must comply with the WE technical soldering specification; otherwise, the warranty will be void.
• For reflow soldering limitation of two times is recommended. Hand soldering max. 350°C for 3 sec max..
• Other soldering methods (e.g. vapor phase) are not verified and have to be validated by the customer on his own risk.
Cleaning and Washing:
• Non-washable series are parts without ‘washable’ label in the catalog:The switch is not constructed for washing, so washing can cause
malfunction afterwards.
• ‘Washable’ series are those with ‘washable’ label in the catalog: Cleaning agents that are used to clean the customer applications might
damage or change the characteristics of the switch, body, pins and termination.
• Please do not submerse our washable products into water or cleaning agents or put them in locations exposed to water completely.
• Do not clean washable series immediately after soldering. The cleaning agent may be absorbed into the switch through respiration while
the switch cools.
• When cleaning by hand (brushing), please do not use excessive force on our switch to avoid malfunction afterwards, otherwise relevant
areas for the function of the switch might get deformed.
Potting and Coating:
• If the switch is potted or coated in customer applications, the potting or coating material might shrink during and after hardening; thus
the switch is exposed to the pressure of the potting material with the effect that the switch possibly might get damaged by this pressure
with the outcome that the electrical as well as the mechanical characteristics are in danger of being affected. After the potting or
coating material is cured, the switch needs to be checked if any malfunction or destructions on the switch has occurred.
Handling of Product:
• For Hermetic series Tact switch, please refer to the aforementioned ‘Cleaning and washing’ definition to process if needed.
• Please do not press actuator or change status /position during the cleaning and washing process.
• Do not repeatedly operate the switch with excessive force. It may damage or deforms the contact dome which results in malfunction.
• Please set up the switch in such way that the actuator will operate in a straight vertical line. A decrease in the lifetime of the switch may
result if the actuator is pressed off-center or from an angle. This might cause function errors or broken actuators, especially for the
height of more than 7.0mm.
• Design the right angle part with consideration of the wave soldering process so that the parts will not touch the soldering wave during
the soldering process or protect the switch part with cover fixture. Melt of the switch might cause malfunction.
Operation and Storage conditions:
• -40°C ~ +85°C
• In case a switch requires particular handling precautions in addition to the general recommendations mentioned here before, these will
appear on the product datasheet.
• The switch shall be used before the end of the period of 12 months based on the product date code; otherwise, 100% solderability
cannot be warranted.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
eLin
DIN ISO 2768-1m
DESCRIPTION
6 x 6 mm J-Hook SMD Hermetic
Tact Switch WS-TASV
ORDER CODE
430783051816
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.001
Valid
2017-08-04
eiCan
4/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 430783051816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
430783034816 WURTH-430783034816 Datasheet
363Kb / 5P
   6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
More results

Similar Description - 430783051816

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
430773034825 WURTH-430773034825 Datasheet
362Kb / 5P
   6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430773051825 WURTH-430773051825 Datasheet
363Kb / 5P
   6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430783034816 WURTH-430783034816 Datasheet
363Kb / 5P
   6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
434153017835 WURTH-434153017835 Datasheet
108Kb / 1P
   WS-TASV Tact Switch J-Bend SMD version
434133025816 WURTH-434133025816 Datasheet
574Kb / 7P
   WS-TASV J-Bend SMT Tact Switch
001.001
434123025816 WURTH-434123025816 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
434113025826 WURTH-434113025826 Datasheet
94Kb / 1P
   WS-TASV 6,0x3,8mm Tact Switch, J-Bend SMD version
430453031836 WURTH-430453031836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
4304X3XXX8X6 WURTH-4304X3XXX8X6 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
430453035836 WURTH-430453035836 Datasheet
99Kb / 1P
   WS-TASV 6x6mm washable Tact Switch, J-Bend SMD version
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com