Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C11 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BZX55C11
Description  2.4- 1 8 0V Peak Pulse Power: 500mW
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BZX55C11 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BZX55C11 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZX55C11 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZX55C11 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
BZX55C2V4
BZX55C2V7
BZX55C3V0
BZX55C3V3
BZX55C3V6
BZX55C3V9
BZX55C4V3
BZX55C4V7
BZX55C5V1
BZX55C5V6
BZX55C6V2
BZX55C6V8
BZX55C7V5
BZX55C8V2
BZX55C9V1
BZX55C10
BZX55C11
BZX55C12
BZX55C13
BZX55C15
BZX55C16
BZX55C18
BZX55C20
BZX55C22
BZX55C24
BZX55C27
BZX55C30
BZX55C33
BZX55C36
BZX55C39
BZX55C43
BZX55C47
BZX55C51
BZX55C56
BZX55C62
BZX55C68
BZX55C75
BZX55C82
BZX55C91
BZX55C100
BZX55C110
BZX55C120
BZX55C130
BZX55C150
BZX55C160
BZX55C180
BZX55C188
2.28
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
77
85
94
104
114
124
138
153
168
188
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
600
600
600
600
600
600
600
600
550
450
200
150
50
50
50
70
70
90
110
110
170
170
220
220
220
220
220
220
220
500
600
700
700
1000
1000
1000
1500
2000
5000
5000
5000
5000
5000
5000
5000
5000
5000
50
10
4.0
2.0
2.0
2.0
1.0
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
155
135
125
115
105
95
90
85
80
70
64
58
53
74
43
40
36
32
29
27
24
21
20
18
16
14
13
12
11
10
9.2
8.5
7.8
7.0
6.4
5.9
5.3
4.8
4.4
4.0
3.6
3.3
3.0
2.6
2.5
2.2
2.0
Device Type
Nominal
ZenerVoltage
Vz@IZT
Test
Current
IZT
Maximum Zener
Impedance
ZZT@IZT
ZZK@IZK
Maximum
Regulator
Current
IZM
Maximum Reverse
Leakage Current
µA
Typical
Temperature
Coefficient
(%/ C)
mA
IR
@VR
Volts
85
85
85
85
85
85
75
60
35
25
10
8.0
7.0
7.0
10
15
20
20
26
30
40
50
55
55
80
80
80
80
80
90
90
110
125
135
150
200
250
300
450
450
600
800
1000
1200
1500
1800
2000
-0.085
-0.080
-0.075
-0.070
-0.065
-0.060
+0.055
+0.030
+0.030
+0.038
+0.045
+0.050
+0.058
+0.062
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.083
+0.085
+0.086
+0.087
+0.088
+0.090
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
+0.096
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
mA
Min
Max
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
80
87
96
106
116
127
141
156
171
191
212
Ohms
Ohms
IZK
mA


Similar Part No. - BZX55C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C11 VISHAY-BZX55C11 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
SHENZHEN YONGERJIA INDU...
BZX55C11 WINNERJOIN-BZX55C11 Datasheet
302Kb / 5P
   Zener diode
logo
First Components Intern...
BZX55C11 FCI-BZX55C11 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Zibo Seno Electronic En...
BZX55C11 ZSELEC-BZX55C11 Datasheet
46Kb / 3P
   500mW ZENER DIODE
logo
Shenzhen Luguang Electr...
BZX55C11 LUGUANG-BZX55C11 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C11

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTVS0871P FS-FTVS0871P Datasheet
349Kb / 4P
   1800W peak pulse power (8/20μs)
2021. 10. 01 Revision No : 0
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
   200W peak pulse power (tp =8/20μs)
PESD24VL1BA UMW-PESD24VL1BA Datasheet
204Kb / 4P
   300W peak pulse power (tp = 8/20μs)
PESD5V0V1BB UMW-PESD5V0V1BB Datasheet
419Kb / 4P
   90Watts peak pulse power (tp =8/20μs)
logo
First Silicon Co., Ltd
FTVS0571P FS-FTVS0571P Datasheet
326Kb / 4P
   1200W peak pulse power (8/20 us)
2022. 03. 02 Revision No : 1
logo
Guangdong Youtai Semico...
PESD24VL2BT UMW-PESD24VL2BT Datasheet
284Kb / 3P
   280W peak pulse power (tp= 8/20μs)
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
   480W peak pulse power (tp =8/20μs)
PESD3V3V1BCSF UMW-PESD3V3V1BCSF Datasheet
383Kb / 4P
   70W peak pulse power (tp =8/20μs
PESD3V3L1UA UMW-PESD3V3L1UA Datasheet
615Kb / 4P
   300Watts peak pulse power (tp = 8/20μs)
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
   400 peak pulse power (tp =8/20μs)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com