Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB150A Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # P6SMB150A
Description  6.8-550 Volts Peak pulse power: 600 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

P6SMB150A Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  P6SMB150A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6SMB150A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6SMB150A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. P6SMB150A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ratings and Characteristic Curves (T
A=25°C unless otherwise noted)
0.1
1
10
100
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (sec.)
0.2x0.2" (5.0x5.0mm)
Copper Pad Area
0
0
50
100
150
1.0
2.0
3.0
4.0
tr=10μsec
Peak Value
IPPM
IPPM
2
TJ=25°C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000μsec. Waveform
as defined by R.E.A
td
t-Time (ms)
Half Value
IPPM
( )
0
25
50
75
100
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
1
10
100
1000
10000
1.0
10.0
100.0
1000.0
Tj=25C
f=1.0MHz
Vsig=50mVp-p
Uni-directional V=0V
Bi-directional V=0V
Uni-directional @VR
Bi-directional @VR
V
BR - Reverse Breakdown Voltage (V)
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
T
A - Ambient Temperature (ºC)
Figure 1 - Peak Pulse Power Rating
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Figure 5 - Steady State Power Dissipation Derating
Curve
0
20
40
60
80
100
120
1
10
100
Number of Cycles at 60 Hz
Figure 6 - Maximum Non-Repetitive Peak Forward
Surge Current Uni-Directional Only


Similar Part No. - P6SMB150A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6SMB150A VISHAY-P6SMB150A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
Central Semiconductor C...
P6SMB150A CENTRAL-P6SMB150A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Zibo Seno Electronic En...
P6SMB150A ZSELEC-P6SMB150A Datasheet
104Kb / 5P
   6.8 to 440Volts 600Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
P6SMB150A EIC-P6SMB150A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6SMB150A HUAXINAN-P6SMB150A Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6SMB150A

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1.5KE WILLAS-1.5KE Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
Microdiode Electronics ...
P6KE6.8 CHENDA-P6KE6.8 Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
   Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
logo
Jinan Jing Heng Electro...
P6KE6.8A JINGHENG-P6KE6.8A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 600 Watts
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
   5.0-170 Volts Peak pulse power: 3000 Watts
logo
Micro Commercial Compon...
SMBJP6KE68A MCC-SMBJP6KE68A_13 Datasheet
421Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE12CA-TP MCC-SMBJP6KE12CA-TP Datasheet
426Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
SMBJP6KE6.8A MCC-SMBJP6KE6.8A Datasheet
416Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 600 Watt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com