Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9309 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC9309
Description  2A 150KHz PWM Buck DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9309 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC9309 Datasheet HTML 1Page - E-CMOS Corporation EC9309 Datasheet HTML 2Page - E-CMOS Corporation EC9309 Datasheet HTML 3Page - E-CMOS Corporation EC9309 Datasheet HTML 4Page - E-CMOS Corporation EC9309 Datasheet HTML 5Page - E-CMOS Corporation EC9309 Datasheet HTML 6Page - E-CMOS Corporation EC9309 Datasheet HTML 7Page - E-CMOS Corporation EC9309 Datasheet HTML 8Page - E-CMOS Corporation EC9309 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 15
3I06 Rev. P001
2A 150KHz PWM Buck DC/DC Converter
EC9309
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 ~ 45
V
Feedback
pin voltage
VFB
-0.3 ~ VIN +0.3
V
ON/OFF Pin voltage
VEN
-0.3~ VIN +0.3
V
Output pin voltage
VSW
-0.3 ~ VIN +0.3
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
oC
Storage Temperature
Tstg
-65~+150
oC
Lead Temperature (Soldering, 10 sec)
TLead
260
oC
ESD(HBM)
2000
V
MSL
Level 3
Thermal Resistance-Junction to Ambient
R
θJA
85
℃/W
Thermal Resistance-Junction to Case
R
θJC
45
℃/W
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
3.6
45
V
Operating Junction Temperature
TJ
-40
125
Operating Ambient Temperature
TA
-40
85


Similar Part No. - EC9309

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301AXXXA1R E-CMOS-EC9301AXXXA1R Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301AXXXAAR E-CMOS-EC9301AXXXAAR Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301AXXXABR E-CMOS-EC9301AXXXABR Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301H E-CMOS-EC9301H Datasheet
1,003Kb / 14P
   3A 150KHz PWM Buck DC/DC Converter
More results

Similar Description - EC9309

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com