Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9309XXM1R Datasheet(PDF) 7 Page - E-CMOS Corporation

Part # EC9309XXM1R
Description  2A 150KHz PWM Buck DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9309XXM1R Datasheet(HTML) 7 Page - E-CMOS Corporation

Back Button EC9309XXM1R Datasheet HTML 3Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 4Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 5Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 6Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 7Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 8Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 9Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 10Page - E-CMOS Corporation EC9309XXM1R Datasheet HTML 11Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 15
3I06 Rev. P001
2A 150KHz PWM Buck DC/DC Converter
EC9309
Typical Performance Characteristics (Continued)
Figure 8. ON/OFF Pin Voltage
Figure 9. ON/OFF Pin Sink Current
Figure 10. Output Saturation Characteristics


Similar Part No. - EC9309XXM1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301AXXXA1R E-CMOS-EC9301AXXXA1R Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301AXXXAAR E-CMOS-EC9301AXXXAAR Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301AXXXABR E-CMOS-EC9301AXXXABR Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
EC9301H E-CMOS-EC9301H Datasheet
1,003Kb / 14P
   3A 150KHz PWM Buck DC/DC Converter
More results

Similar Description - EC9309XXM1R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com