Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC95809NSB1R Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC95809NSB1R
Description  3-Pin Microprocessor Reset Monitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC95809NSB1R Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC95809NSB1R Datasheet HTML 1Page - E-CMOS Corporation EC95809NSB1R Datasheet HTML 2Page - E-CMOS Corporation EC95809NSB1R Datasheet HTML 3Page - E-CMOS Corporation EC95809NSB1R Datasheet HTML 4Page - E-CMOS Corporation EC95809NSB1R Datasheet HTML 5Page - E-CMOS Corporation EC95809NSB1R Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 6
4J20N-Rev.F003
3-Pin Microprocessor Reset Monitor
EC95809
Electrical Characteristics
Vcc=5V for L/M/J ;3.3V for T/S ;3.0V for R ,TA = 25°C, unless otherwise specified.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Input Voltage
2.0
5.5
V
ICC
Supply Current
--
13
A
VTH
Reset Threshold
EC95809NL-4.63V
EC95809NM-4.38V
EC95809NJ-4.00V
EC95809NT-3.08V
EC95809NS-2.93V
EC95809NR-2.63V
EC95809NZ-2.30V
4.514
4.271
3.900
3.003
2.857
2.564
2.194
4.63
4.380
4.000
3.080
2.930
2.630
2.250
4.746
4.490
4.100
3.157
3.003
2.696
2.306
V
Reset Threshold Temperature
Coefficient
(4)
--
30
--
ppm/°C
VCC to Reset Delay VCC = VTH to (VTH
100mV)
--
20
--
μsec
Reset Active Timeout Period
--
150
500
msec
VOL
RESET Output Voltage Low
ISINK = 3.2mA
--
--
0.4
V
VOH
RESET Output Voltage High
ISOURCE = 800μA
0.8VCC
--
--
V
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX) =
(TJ(MAX) – TA)/ΘJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature,
and the regulator will go into thermal shutdown. See “Thermal Consideration” section for details
Note 4: RESET threshold temperature coefficient is the worst case voltage change divided by the total temperature
range.


Similar Part No. - EC95809NSB1R

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXB1NR E-CMOS-EC95808CXXB1NR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXC1NR E-CMOS-EC95808CXXC1NR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXC7IR E-CMOS-EC95808CXXC7IR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
EC95808CXXC7SR E-CMOS-EC95808CXXC7SR Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
More results

Similar Description - EC95809NSB1R

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
   3-Pin Microprocessor Reset Monitor
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
   3-Pin Microprocessor Reset Monitor (Preliminary)
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
   4-Pin Microprocessor Reset Monitor
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com