Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECT25S40LM2CR Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # ECT25S40LM2CR
Description  4M BIT SPI NOR FLASH
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LM2CR Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button ECT25S40LM2CR Datasheet HTML 5Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 6Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 7Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 8Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 9Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 10Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 11Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 12Page - E-CMOS Corporation ECT25S40LM2CR Datasheet HTML 13Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
The Status and Control Bits
WIP bit
The Write in Progress (WIP) bit indicates whether the memory is busy in program/erase/write status register
progress. When WIP bit sets to 1, means the device is busy in program/erase/write status register progress,
when
WIP
bit
sets
0,
means
the
device
is
not
in
program/erase/write status register progress.
WEL bit
The Write Enable Latch bit indicates the status of the internal Write Enable Latch. When set to 1 the internal
Write Enable Latch is set, when set to 0 the internal Write Enable Latch is reset and no Write Status Register,
Program or Erase instruction is accepted.
SEC, TB, BP2, BP1, BP0 bits
The Block Protect (SEC, TB, BP2, BP1, BP0) bits are non-volatile. They define the size of the area to be
software protected against Program
and Erase instructions. These bits are written with the Write Status
Register instruction. When the Block Protect (SEC, TB, BP2, BP1, BP0) bits are set to 1,the relevant memory
area(as defined in Table 6 and Table 7).becomes protected against Page Program, Sector Erase and Block
Erase instructions. The Block Protect (SEC, TB, BP2, BP1, BP0) bits can be written provided that the
Hardware Protected mode has not been set.
SRP1, SRP0 bits
The Status Register Protect (SRP1 and SRP0) bits are non-volatile Read/Write bits in the status register. The
SRP bits control the method of write protection: software protection, hardware protection, power supply lock-
down or one time programmable protection.
QE bit
The Quad Enable (QE) bit is a non-volatile Read/Write bit in the Status Register that allows Quad operation.
When the QE bit is set to 0 (Default) the /WP pin and /HOLD pin are enable. When the QE pin is set to 1, the
Quad IO2 and IO3 pins are enabled. (The QE bit should never be set to 1 during standard SPI or Dual SPI
operation if the /WP or /HOLD pins directly to the power supply or ground).
LB3/LB2/LB1 bit
The LB bit is a non-volatile One Time Program (OTP) bit in Status Register that provide the write protect
control and status to the Security Registers. The default state of LB is 0, the security registers are unlocked.
LB can be set to 1 individually using the Write Register instruction. LB is
One Time Programmable, once it’s set
to 1, the 256byte Security Registers will become read-only permanently, LB3/2/1 for Security Registers 3:1.
CMP bit
The CMP bit is a non-volatile Read/Write bit in the Status Register2 (bit6). It is used in conjunction the SEC-
BP0 bits to provide more flexibility for the array protection. Please see the Status registers Memory Protection
table for details. The default setting is CMP=0.
SUS bit
The SUS bit is a read only bit in the status register2 (bit7) that is set to 1 after executing an Erase/Program
Suspend (75H) instruction. The SUS bit is cleared to 0 by Erase/Program Resume (7AH) instruction as well as
a power-down, power-up cycle.


Similar Part No. - ECT25S40LM2CR

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
ECT25S32 E-CMOS-ECT25S32 Datasheet
2Mb / 44P
   32M BIT SPI NOR FLASH
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
ECT25S80LM1CR E-CMOS-ECT25S80LM1CR Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
ECT25S80LM2CR E-CMOS-ECT25S80LM2CR Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
More results

Similar Description - ECT25S40LM2CR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA400G ACE-ACE25QA400G Datasheet
1Mb / 30P
   4M BIT SPI NOR FLASH
VER 1.3
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ACE Technology Co., LTD...
ACE25QA200.400G ACE-ACE25QA200.400G Datasheet
2Mb / 32P
   2/4M BIT SPI NOR FLASH
VER 1.1
ACE25Q400G ACE-ACE25Q400G Datasheet
1Mb / 46P
   4M BIT SPI NOR FLASH Memory Series
VER 1.2
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
   16M BIT SPI NOR FLASH
VER 1.1
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com