Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0050375153 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0050375153
Description  2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 15 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0050375153 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0050375153_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/16/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050375153
Status:
Active
Overview:
SPOX Connector System
Description:
2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 15 Circuits
Documents:
3D Model
Packaging Specification SPK-5264-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5264-001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
5264
Application
Signal, Wire-to-Board
Overview
SPOX Connector System
Product Name
SPOX
UPC
800753749542
Physical
Circuits (maximum)
15
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
No
Net Weight
805.800/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Engineering Number
5264-15
Reference - Drawing Numbers
Packaging Specification
SPK-5264-001-001
Product Specification
PS-5264-001-001
Sales Drawing
SD-5264-N
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
5264 Series
Mates With
5267 Vertical Shrouded PCB Header <br>
5268 Right Angle Shrouded PCB Header
Use With
5263 2.50mm Pitch SPOX Crimp Terminal
This document was generated on 10/16/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0050375153_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050375153 MOLEX3-0050375153 Datasheet
139Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 15 Circuits
More results

Similar Description - 0050375153_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050375133 MOLEX1-0050375133_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 13 Circuits
50-37-5153 MOLEX11-50-37-5153 Datasheet
42Kb / 1P
   2.50mm Pitch SPOX??Wire-to-Board Crimp Housing, Friction Lock, 15 Circuits
0050375123 MOLEX1-0050375123_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 12 Circuits
0050375143 MOLEX1-0050375143_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 14 Circuits
0050375103 MOLEX1-0050375103_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 10 Circuits
0050375113 MOLEX1-0050375113_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 11 Circuits
0050375093 MOLEX1-0050375093_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, without Lock, 9 Circuits
0050375153 MOLEX3-0050375153 Datasheet
139Kb / 3P
   2.50mm (.098") Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 15 Circuits
0050375043 MOLEX1-0050375043_17 Datasheet
35Kb / 1P
   2.50mm Pitch SPOX Wire-to-Board Crimp Housing, Friction Lock, 4 Circuits
50-37-5083 MOLEX11-50-37-5083 Datasheet
42Kb / 1P
   2.50mm Pitch SPOX??Wire-to-Board Crimp Housing, Friction Lock, 8 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com