Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXHQ100SI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXHQ100SI
Description  Negative Voltage Hot Swap Controller with Active Power Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100SI Datasheet(HTML) 3 Page - IXYS Corporation

  IXHQ100SI Datasheet HTML 1Page - IXYS Corporation IXHQ100SI Datasheet HTML 2Page - IXYS Corporation IXHQ100SI Datasheet HTML 3Page - IXYS Corporation IXHQ100SI Datasheet HTML 4Page - IXYS Corporation IXHQ100SI Datasheet HTML 5Page - IXYS Corporation IXHQ100SI Datasheet HTML 6Page - IXYS Corporation IXHQ100SI Datasheet HTML 7Page - IXYS Corporation IXHQ100SI Datasheet HTML 8Page - IXYS Corporation IXHQ100SI Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics (continued)
Symbol
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Parameter
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Max Units
Units
Units
Units
Units
R
VCL
VCL bias resistance
4
6
10
k
t
OC
Overcurrent detection
V
CAPin = 0 V; VOUTsns = 5 V
20
30
ms
to GATE output delay
V
SOURCE input is a step at t = 0s
from 0 V to 200 mV
dv
GATE/dt
GATE output slew rate
C
SLOPE= 100 nF
0.5
0.8
1.1
V/ms
V
GATE
Maximum GATE
V
CAPin = 0 V; R
load
= 10 K
13.8
15
V
output voltage
V
OUTsns = 5 V
I
GATE
GATE pull-up current
Gate drive on, V
GATE = 0 V
-15
-10
mA
I
GATE
GATE pull-down
Gate drive off
10
20
mA
current
V
GATE = 10 V
V
DD
V
DD regulator output
3.3K Resistive load
5
5.75
6.5
V
Voltage
between V
DD output and AGND
I
RSTout
RSTout drive current
Force V
RSTout =1 V during fault condition
2.4
3
3.6
mA
t
RST
RST pulse width
200
500
1000
ns
V
ad
Auto-Detect threshold
Gate drive on; ramp V
OUTsns; monitor
-10
12
20
mV
RST until it pulses.
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent damage to the
device. Typical values indicate conditions for which the device is intended to be functional, but do not guarantee specific
performance limits. The guaranteed specifications apply only for the test conditions listed. Exposure to absolute maximum
rated conditions for extended periods may affect device reliability.
Note2: All voltages are relative to ground unless otherwise specified.
Typical Performance Characteristics
Typical Performance Characteristics
Typical Performance Characteristics
Typical Performance Characteristics
Typical Performance Characteristics
IXHQ 100PI
IXHQ 100SI
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Graph 1: Icc vs. Temperature
Temperature (oC)
-60
-40
-20
0
20
40
60
80
100
1.96
1.98
2.00
2.02
2.04
2.06
2.08
2.10
2.12
2.14
2.16
2.18
Temperature (oC)
-60 -40 -20
0
20 40
60 80 100
5.4
5.5
5.6
5.7
5.8
5.9
6.0
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature
Graph 2: Regulator Output Voltage vs. Temperature


Similar Part No. - IXHQ100SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXHQ100SI IXYS-IXHQ100SI Datasheet
74Kb / 4P
   Negative Voltage Hot Swap Controller with Active Power Filter
More results

Similar Description - IXHQ100SI

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXHQ100PI IXYS-IXHQ100PI Datasheet
74Kb / 4P
   Negative Voltage Hot Swap Controller with Active Power Filter
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com