Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV256-12TI Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IS61LV256-12TI
Description  32K X 8 LOW VOLTAGE CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61LV256-12TI Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IS61LV256-12TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61LV256-12TI Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IS61LV256
Integrated Circuit Solution Inc.
3
SR004-0D
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
—
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
—
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage
GND ≤ VIN ≤ VCC
Com.
–1
1
µA
Ind.
–5
5
ILO
Output Leakage
GND ≤ VOUT ≤ VCC, Outputs Disabled
Com.
–1
1
µA
Ind.
–5
5
Notes:
1. VIL (min.) = –0.3V (DC); VIL (min.) = –2.0V (pulse width 2.0 ns).
VIH (max.) = VCC + 0.5V (DC); VIH (max.) = Vcc + 2.0V (pulse width 2.0 ns).
2. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
p.
COUT
Output Capacitance
VOUT = 0V
5
p.
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 3.3V.
OPERATING RANGE
Range
Ambient Temperature
Speed
VCC
Commercial
0°C to +70°C
8, 10, 12
3.3V, +10%, –5%
15, 20
3.3V ± 10%
Industrial
–40°C to +85°C
All
3.3V + 10%, –5%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
-20 ns
Sym. Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating VCC = Max., CE = VIL Com.
— 120
— 110
— 100
— 90
— 80
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
— 130
— 120
— 110
— 100
— 90
ISB TTL Standby Current
VCC = Max.,
Com.
— 25
— 25
— 25
— 25
— 25
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—30
— 30
—30
— 30
—30
CE ≥ VIH, f = 0
ISB
CMOS Standby
VCC = Max.,
Com.
— 2
— 2
— 2
— 2
— 2
mA
Current (CMOS Inputs)
CE ≤ VCC – 0.2V,
Ind.
—5
—5
—5
—5
—5
VIN > VCC – 0.2V, or
VIN ≤ 0.2V, f = 0
Notes:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IS61LV256-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV256-12T ISSI-IS61LV256-12T Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
More results

Similar Description - IS61LV256-12TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV256L-15T ISSI-IS62LV256L-15T Datasheet
52Kb / 7P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL_09 Datasheet
320Kb / 12P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS65LV256AL ISSI-IS65LV256AL_12 Datasheet
321Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
61LV256 ISSI-61LV256 Datasheet
100Kb / 8P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS62LV256AL ISSI-IS62LV256AL Datasheet
105Kb / 14P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
IS61LV256AL ISSI-IS61LV256AL Datasheet
95Kb / 13P
   32K x 8 LOW VOLTAGE CMOS STATIC RAM
logo
Winbond
W24258-LL WINBOND-W24258-LL Datasheet
185Kb / 10P
   32K X 8 CMOS STATIC RAM
W24258 WINBOND-W24258 Datasheet
203Kb / 11P
   32K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH52258A SHARP-LH52258A Datasheet
77Kb / 9P
   CMOS 32K x 8 Static RAM
logo
Mosel Vitelic, Corp
MS62256 MOSEL-MS62256 Datasheet
371Kb / 7P
   32K x 8 CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com