Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ15M Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GBJ15M
Description  15A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GBJ15M Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GBJ15M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GBJ15M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 240A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
GBJ
15A
GBJ
15B
GBJ
15D
GBJ
15G
GBJ
15J
GBJ
15K
GBJ
15M
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Output Current
@ TC = 100°C
IO
15
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
240
A
Forward Voltage (per element)
@ IF = 7.5A DC
VFM
1.05
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
240
A2s
Typical Junction Capacitance per Element (Note 2)
Cj
60
pF
Typical Thermal Resistance, Junction to Case (Note 3)
RqJC
0.8
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
GBJ15A - GBJ15M
15A GLASS PASSIVATED BRIDGE RECTIFIER
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Weight: 6.6 grams (approx)
·
Marking: Type Number
Mechanical Data
GBJ6
Dim
Min
Max
A
29.70
30.30
B
19.70
20.30
C
17.00
18.00
D
3.80
4.20
E
7.30
7.70
G
9.80
10.20
H
2.00
2.40
I
0.90
1.10
J
2.30
2.70
K
3.0 X 45°
L
4.40
4.80
M
3.40
3.80
N
3.10
3.40
P
2.50
2.90
R
0.60
0.80
S
10.80
11.20
All Dimensions in mm
_
B
C
D
EE
G
H
K
J
I
L
M
N
P
R
S
A
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 300 x 300 x 1.6mm copper plate heat sink.
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
GBJ15A- GBJ15M
1 of 2
·
Lead Free Finish/RoHS Complian
Alldatasheet


Similar Part No. - GBJ15M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJ15M GOOD-ARK-GBJ15M Datasheet
171Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Won-Top Electronics
GBJ15M WTE-GBJ15M Datasheet
62Kb / 4P
   15A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
GBJ15M SECOS-GBJ15M Datasheet
186Kb / 2P
   15.0 AMP Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBJ15M CHENG-YI-GBJ15M Datasheet
158Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zowie Technology Corpor...
GBJ15M ZOWIE-GBJ15M Datasheet
110Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ15M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Shenzhen Luguang Electr...
GBJ15005 LUGUANG-GBJ15005 Datasheet
157Kb / 2P
   15A Glass Passivated Bridge Rectifier
logo
Nanjing International G...
GBJ15005 DGNJDZ-GBJ15005 Datasheet
222Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
RS15005M ZSELEC-RS15005M Datasheet
87Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Changzhou Shunye Electr...
GBJ15005 SY-GBJ15005 Datasheet
599Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005_1 Datasheet
82Kb / 3P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
TAITRON Components Inco...
GBPC15-005W TAITRON-GBPC15-005W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Yea Shin Technology Co....
GBJ15005 YEASHIN-GBJ15005 Datasheet
328Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ15005 ZSELEC-GBJ15005 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
D15XB05 ZSELEC-D15XB05 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com