Electronic Components Datasheet Search |
|
IS61LV256-15TI Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc |
|
IS61LV256-15TI Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc |
2 / 8 page IS61LV256 2 Integrated Circuit Solution Inc. SR004-0D PIN CON.IGURATION 28-Pin SOJ 22 23 24 25 26 27 28 1 2 3 4 5 6 7 21 20 19 18 17 16 15 14 13 12 11 10 9 8 OE A11 A9 A8 A13 WE VCC A14 A12 A7 A6 A5 A4 A3 A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 A14 A12 A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND VCC WE A13 A8 A9 A11 OE A10 CE I/O7 I/O6 I/O5 I/O4 I/O3 PIN CON.IGURATION 8x13.4mm TSOP-1 PIN DESCRIPTIONS A0-A14 Address Inputs CE Chip Enable Input OE Output Enable Input WE Write Enable Input I/O0-I/O7 Input/Output Vcc Power GND Ground TRUTH TABLE Mode WE WE WE WE WE CE CE CE CE CE OE OE OE OE OE I/O Operation Vcc Current Not Selected X H X High-Z ISB, ISB (Power-down) Output Disabled H L H High-Z ICC Read H L L DOUT ICC Write L L X DIN ICC ABSOLUTE MAXIMUM RATINGS(1) Symbol Parameter Value Unit VCC Power Supply Voltage Relative to GND 0.5 to +4.6 V VTERM Terminal Voltage with Respect to GND 0.5 to +4.6 V TBIAS Temperature Under Bias Com. 10 to +85 °C Ind. 45 to +90 TSTG Storage Temperature 65 to +150 °C PD Power Dissipation 1 W IOUT DC Output Current ±20 mA Notes: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. |
Similar Part No. - IS61LV256-15TI |
|
Similar Description - IS61LV256-15TI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |