Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU4 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GBU4
Description  4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GBU4 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GBU4 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GBU4 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6J
pF
A
4.0/6.0/8.0
Terminals: Plated Leads Solderable per
Case: GBU, Molded Plastic
Low Forward Voltage Drop
High Surge Current Capability
Glass Passivated Die Construction
Classification 94V-O
MIL-STD-202, Method 208
Designed for Surface Mount Application
GBU4/GBU6/GBU8 SERIES
4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
High Current Capability
Plastic Material – UL Recognition Flammability
Mechanical Data
Polarity: As Marked on Case
Weight:8.0 grams (approx.)
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 40°C
IO
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage per element
@IF = 1.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
Typical Thermal Resistance per leg (Note 2)
RθJA
RθJL
20/17/21
4.0
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Mounted on PC board with 13mm
2 copper pad.
1 of 2
GBU
!
Lead Free: For RoHS / Lead Free Version
4A
6A
8A
GBU
4B
6B
8B
GBU
4D
6D
8D
GBU
4G
6G
8G
GBU
4J
8J
GBU
4K
6K
8K
GBU
4M
6M
8M
A
100/211/211
45/94/94
GBU4/GBU6/GBU8 SERIES
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
GBU
Dim
Min
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
F
1.95
2.35
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
3.2 X 45
°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
All Dimensions in mm
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
80/120/150
Alldatasheet


Similar Part No. - GBU4

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
GBU4 NELLSEMI-GBU4 Datasheet
160Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 4A
logo
Zibo Seno Electronic En...
GBU4 ZSELEC-GBU4 Datasheet
123Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
GBU4 NELLSEMI-GBU4 Datasheet
568Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
logo
Frontier Electronics.
GBU4-005 FRONTIER-GBU4-005 Datasheet
124Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU4-01 FRONTIER-GBU4-01 Datasheet
124Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - GBU4

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBU6A ZSELEC-GBU6A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU8005 ZSELEC-GBU8005 Datasheet
123Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU6005 ZSELEC-GBU6005 Datasheet
123Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU4A ZSELEC-GBU4A Datasheet
122Kb / 2P
   4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
S8NC DIODES-S8NC Datasheet
421Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
December 2014
S8KC DIODES-S8KC_15 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8NC DIODES-S8NC_15 Datasheet
421Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8KC-13 DIODES-S8KC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8KC DIODES-S8KC Datasheet
119Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
S8MC-13 DIODES-S8MC-13 Datasheet
280Kb / 4P
   8.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com