Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU15A Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # GBU15A
Description  10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

GBU15A Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  GBU15A Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd GBU15A Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
GBU10/GBU15/GBU25 SERIES
GBU10/GBU15/GBU25 SERIES
CASW TEMPERATURE,℃
FIG.2- DERATING CURVE
OUTPUT RECTIFIED CURRENT
GBU25
GBU15
GBU10
0
10
40
30
50
100
150
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
400
350
300
250
200
150
100
50
0
10
100
1
GBU25
GBU15
GBU10
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
100
1.0
0.1
0.01
0.8
1.2
0.6
0.4
1.0
1.4
1.6
10
GBU15
GBU25
GBU10
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ=25
°C
10
1.0
0.1
0.01
0
40
60
80
100
120
140
20
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Similar Part No. - GBU15A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
GBU15A BILIN-GBU15A Datasheet
106Kb / 2P
   SILICON BRIDGE RECTIFIERS
GBU15A BILIN-GBU15A Datasheet
181Kb / 3P
   Silicon Bridge Rectifiers
logo
Leshan Radio Company
GBU15A LRC-GBU15A Datasheet
309Kb / 4P
   Bridge rectifiers
logo
Micro Commercial Compon...
GBU15A MCC-GBU15A Datasheet
206Kb / 3P
   15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
GBU15A CHENG-YI-GBU15A Datasheet
167Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBU15A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS10005 ZSELEC-RS10005 Datasheet
73Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU1005 ZSELEC-GBU1005 Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU25A ZSELEC-GBU25A Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU10A ZSELEC-GBU10A Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU1505 ZSELEC-GBU1505 Datasheet
80Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
GBU2505 ZSELEC-GBU2505 Datasheet
92Kb / 2P
   10/15/25A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shunye Enterprise
RS2505M SHUNYE-RS2505M Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ25005 ZSELEC-GBJ25005 Datasheet
59Kb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
D25SB60 LUGUANG-D25SB60 Datasheet
1Mb / 2P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC25005 DIODES-GBPC25005_1 Datasheet
370Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. 9 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com