Electronic Components Datasheet Search |
|
GBU4005 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
GBU4005 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 2 page pF 80/120/150 A 4.0/6.0/8.0 Terminals: Plated Leads Solderable per Case: GBU, Molded Plastic Low Forward Voltage Drop High Surge Current Capability Glass Passivated Die Construction Classification 94V-O MIL-STD-202, Method 208 Designed for Surface Mount Application GBU4/GBU6/GBU8 SERIES 4.0/6.0/8.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Features High Current Capability Plastic Material – UL Recognition Flammability Mechanical Data Polarity: As Marked on Case Weight:8.0 grams (approx.) Mounting Position: Any Marking: Type Number Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Symbol Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 50 100 200 400 600 800 1000 V RMS Reverse Voltage VR(RMS) 35 70 140 280 420 560 700 V Average Rectified Output Current @TA = 40°C IO Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM Forward Voltage per element @IF = 1.0A VFM 1.1 V Peak Reverse Current @TA = 25°C At Rated DC Blocking Voltage @TA = 125°C IRM 5.0 500 µA Typical Junction Capacitance per element (Note 1) Cj Typical Thermal Resistance per leg (Note 2) RθJA RθJL 20/17/21 4.0 °C/W Operating and Storage Temperature Range Tj, TSTG -65 to +150 °C Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Mounted on PC board with 13mm 2 copper pad. 1 of 2 GBU ! Lead Free: For RoHS / Lead Free Version 4005 6005 8005 GBU 401 601 801 GBU 402 602 802 GBU 404 604 804 GBU 406 606 806 GBU 408 608 808 GBU 410 610 810 A 100/211/211 45/94/94 GBU4/GBU6/GBU8 SERIES Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com GBU Dim Min Max A 21.8 22.3 B 3.5 4.1 C 7.4 7.9 D 1.65 2.16 E 2.25 2.75 F 1.95 2.35 G 1.02 1.27 H 4.83 5.33 J 17.5 18.0 K 3.2 X 45 ° L 18.3 18.8 M 3.30 3.56 N 0.46 0.56 P 0.76 1.0 All Dimensions in mm - ~ ~ + A B K D E F G H J M N P L C Alldatasheet |
Similar Part No. - GBU4005 |
|
Similar Description - GBU4005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |