Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S51323PF-MF1L Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4S51323PF-MF1L
Description  4M x 32Bit x 4 Banks Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S51323PF-MF1L Datasheet(HTML) 3 Page - Samsung semiconductor

  K4S51323PF-MF1L Datasheet HTML 1Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 2Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 3Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 4Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 5Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 6Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 7Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 8Page - Samsung semiconductor K4S51323PF-MF1L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
K4S51323PF-M(E)F
September 2004
3
Mobile-SDRAM
90Ball(6x15) FBGA
12
3789
A
DQ26
DQ24
VSS
VDD
DQ23
DQ21
BDQ28
VDDQ
VSSQ
VDDQ
VSSQ
DQ19
CVSSQ
DQ27
DQ25
DQ22
DQ20
VDDQ
DVSSQ
DQ29
DQ30
DQ17
DQ18
VDDQ
EVDDQ
DQ31
NC
NC
DQ16
VSSQ
FVSS
DQM3
A3
A2
DQM2
VDD
G
A4A5A6
A10
A0
A1
H
A7
A8
A12
NC
BA1
A11
J
CLK
CKE
A9
BA0
CS
RAS
KDQM1
NC
NC
CAS
WE
DQM0
LVDDQ
DQ8
VSS
VDD
DQ7
VSSQ
MVSSQ
DQ10
DQ9
DQ6
DQ5
VDDQ
NVSSQ
DQ12
DQ14
DQ1
DQ3
VDDQ
PDQ11
VDDQ
VSSQ
VDDQ
VSSQ
DQ4
R
DQ13
DQ15
VSS
VDD
DQ0
DQ2
Pin Name
Pin Function
CLK
System Clock
CS
Chip Select
CKE
Clock Enable
A0 ~ A12
Address
BA0 ~ BA1
Bank Select Address
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Write Enable
DQM0 ~ DQM3
Data Input/Output Mask
DQ0 ~ 31
Data Input/Output
VDD/VSS
Power Supply/Ground
VDDQ/VSSQ
Data Output Power/Ground
Package Dimension and Pin Configuration
< Bottom View*1 >
< Top View*2 >
< Top View*2 >
Symbol
Min
Typ
Max
A
-
1.30
1.40
A1
0.27
0.32
0.37
E-
11.0
-
E1
-6.40-
D-
13.0
-
D1
-11.2-
e-
0.80
-
b
0.45
0.50
0.55
z-
-
0.10
[Unit::mm]
52
1
63
4
8
97
F
E
D
C
B
J
H
G
A
E1
E
E/2
z
b
Substrate(2Layer)
#A1 Ball Origin Indicator
M
L
K
R
P
N
A
A1


Similar Part No. - K4S51323PF-MF1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1H SAMSUNG-K4S513233F-F1H Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F1L SAMSUNG-K4S513233F-F1L Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-F75 SAMSUNG-K4S513233F-F75 Datasheet
143Kb / 12P
   Mobile SDRAM
K4S513233F-L SAMSUNG-K4S513233F-L Datasheet
143Kb / 12P
   Mobile SDRAM
More results

Similar Description - K4S51323PF-MF1L

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D5123216A ESMT-M53D5123216A Datasheet
1Mb / 47P
   4M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S51323L SAMSUNG-K4S51323L Datasheet
144Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233E SAMSUNG-K4M513233E Datasheet
140Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M51323LE-M SAMSUNG-K4M51323LE-M Datasheet
141Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
logo
Elite Semiconductor Mem...
M53D1G3232A ESMT-M53D1G3232A Datasheet
1Mb / 48P
   8M x 32Bit x 4 Banks Mobile DDR SDRAM
logo
Samsung semiconductor
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com