Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S56163LF-F75 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S56163LF-F75
Description  4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S56163LF-F75 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S56163LF-F75 Datasheet HTML 1Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 2Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 3Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 4Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 5Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 6Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 7Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 8Page - Samsung semiconductor K4S56163LF-F75 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
K4S56163LF - X(Z)E/N/G/C/L/F
February 2004
Mobile-SDRAM
DC OPERATING CONDITIONS
CAPACITANCE (VDD = 2.5V, TA = 23°C, f = 1MHz, VREF =0.9V ± 50 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
2.0
4.0
pF
RAS, CAS, WE, CS, CKE, DQM
CIN
2.0
4.0
pF
Address
CADD
2.0
4.0
pF
DQ0 ~ DQ15
COUT
3.5
6.0
pF
ABSOLUTE MAXIMUM RATINGS
NOTES:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
mA
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25 to 85
°C for Extended, -25 to 70°C for Commercial)
NOTES :
1. Samsung can support VDDQ 2.5V(in general case) and 1.8V(in specific case) for VDD 2.5V products.
Please contact to the memory marketing team in Samsung Electronics when considering the use of VDDQ 1.8V(Min 1.65V).
2. VIH (max) = 3.0V AC.The overshoot voltage duration is
≤ 3ns.
3. VIL (min) = -1.0V AC. The undershoot voltage duration is
≤ 3ns.
4. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with tri-state outputs.
5. Dout is disabled, 0V
≤ VOUT ≤ VDDQ.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
2.3
2.5
2.7
V
VDDQ
2.3
2.5
2.7
V
1.65
-
2.7
V
1
Input logic high voltage
VIH
0.8 x VDDQ
-
VDDQ + 0.3
V
2
Input logic low voltage
VIL
-0.3
0
0.3
V
3
Output logic high voltage
VOH
VDDQ -0.2
-
-
V
IOH = -0.1mA
Output logic low voltage
VOL
-
-
0.2
V
IOL = 0.1mA
Input leakage current
ILI
-10
-
10
uA
4


Similar Part No. - K4S56163LF-F75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56163LC SAMSUNG-K4S56163LC Datasheet
60Kb / 8P
   16Mx16 Mobile SDRAM 54CSP
K4S56163LC-RF SAMSUNG-K4S56163LC-RF Datasheet
60Kb / 8P
   16Mx16 Mobile SDRAM 54CSP
More results

Similar Description - K4S56163LF-F75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S561633F SAMSUNG-K4S561633F Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54BOC
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PG SAMSUNG-K4M56163PG Datasheet
115Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
logo
Winbond
W982516AH WINBOND-W982516AH Datasheet
1Mb / 41P
   4M x 4 BANKS x 16BIT SDRAM
logo
Samsung semiconductor
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S51163PF-YF SAMSUNG-K4S51163PF-YF Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile-SDRAM
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com