Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER107 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # HER107
Description  1.0A HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

HER107 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  HER107 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd HER107 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
HER101 – HER108
1.0A HIGH EFFICIENCY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.34 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
HER
101
HER
102
HER
103
HER
104
HER
105
HER
106
HER
107
HER
108
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
20
15
pF
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
HER101 – HER108
!
Lead Free: For RoHS / Lead Free Version
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
DO-41
Dim
Min
Max
A
24.5
B
4.06
5.21
C
0.60
0.80
D
2.00
3.00
All Dimensions in mm
Alldatasheet


Similar Part No. - HER107

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER107 MOSPEC-HER107 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Nanjing International G...
HER107 DGNJDZ-HER107 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
HER107 PFS-HER107 Datasheet
167Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Leshan Radio Company
HER107 LRC-HER107 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
logo
Microdiode Electronics ...
HER107 CHENDA-HER107 Datasheet
550Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER107

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HER101 DIODES-HER101 Datasheet
59Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
DS25001 Rev. D-3
logo
Won-Top Electronics
HER101 WTE-HER101 Datasheet
47Kb / 3P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
MUR105 ZSELEC-MUR105 Datasheet
227Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
UF4001 ZSELEC-UF4001 Datasheet
140Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Won-Top Electronics
1H1 WTE-1H1 Datasheet
46Kb / 3P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Zibo Seno Electronic En...
1H1 ZSELEC-1H1 Datasheet
133Kb / 2P
   1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
logo
SUNMATE electronic Co.,...
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
MUR170 SUNMATE-MUR170 Datasheet
140Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com