Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELP6230ANR1R Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ELP6230ANR1R
Description  High Efficiency 1A/30V Boost DC/DC Convertor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ELP6230ANR1R Datasheet(HTML) 1 Page - E-CMOS Corporation

  ELP6230ANR1R Datasheet HTML 1Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 2Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 3Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 4Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 5Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 6Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 7Page - E-CMOS Corporation ELP6230ANR1R Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ELP6230A
E-CMOS Corp. (www.ecmos.com.tw)
5K06N-Rev. F001
High Efficiency 1A/30V Boost DC/DC Convertor
1/8
General Description
The ELP6230A is a current mode boost DC-DC converter .It’s PWM circuitry with built In 30V,1A Current power
MOSFET makes this converter highly power efficiently. Select able high switching frequency allows faster loop
response and easy filtering with a low noise output. The non-inverting input and it’s error amplifier is connected to
an internal 1.25V precision reference voltage .Soft-Start time can be programmed with an external capacitor, which
sets the input current ramp rate. Current mode control and external compensation network make it easy and
flexible to stabilize the system.
Features
◆ Up to 92% efficiency
◆ Shut-down current : <1uA
◆ Output voltage up to 30V
◆ Internal Compensation
◆ 1.2MHz fixed frequency switching
◆ High switch on current : 1A
◆ Available in MSOP-8 Package
Applications
◆ Battery products .
◆ Host Products .
◆ Panel.
Pin Assignments


Similar Part No. - ELP6230ANR1R

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
ELP HAMMOND-ELP Datasheet
69Kb / 2P
   Electronic Locking Handle with Proximity
logo
Greystone Energy System...
ELP GREYSTONE-ELP Datasheet
573Kb / 2P
   LOW PRESSURE TRANSMITTER
logo
Leadshine Technology Co...
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
   ELP Series AC Servo Drive
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
   LED - Lamp
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
   75W Single Output with PFC Function
More results

Similar Description - ELP6230ANR1R

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
   High Efficiency Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
   High Efficiency Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
   High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
   High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
   High Efficiency 2.0A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
   High Efficiency 2.1A Boost DC/DC Convertor
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
   High Efficiency 4A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
   High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
   High Efficiency 10A Boost DC/DC Convertor
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
   High Efficiency 1.4A/30VBoost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com