Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R60MN32205030K Datasheet(PDF) 1 Page - Kemet Corporation

Part # R60MN32205030K
Description  Film, Metallized Polyester, Commercial Grade, R60, 0.22 uF, 10%, 400 V, 85C, Lead Spacing = 22.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60MN32205030K Datasheet(HTML) 1 Page - Kemet Corporation

  R60MN32205030K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - c4820c3e-e087-4f46-bde7-78c7d60c6ba8
KEMET Part Number: R60MN32205030K
Film, Metallized Polyester, Commercial Grade, R60, 0.22 uF, 10%, 400 V, 85C, Lead Spacing = 22.5mm
Dimensions
L
26.5mm +0.3mm
H
15mm +1mm
T
6mm +0.2mm
S
22.5mm +/-0.4mm
LL
25mm +2/-1mm
F
0.8mm +/-0.05mm
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 500
General Information
Dielectric: Metallized Polyester
Style: Radial
Series: R60
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Upper Operating Temperature Of
125C Is Allowed For A Maximum
Operating Time Of 1,000 Hours.
Above 85C, DC And AC Voltage
Derating Is 1.25%/C.
Specifications
Capacitance: 0.22 uF
Capacitance Tolerance: 10%
Voltage DC: 400 VDC
Voltage AC: 200 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 1% 1kHz
Insulation Resistance: 30 GOhms
Max dVdt: 10 V
Inductance: 18 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R60MN32205030K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MN34705030J KEMET-R60MN34705030J Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.47 uF, 5%, 400 V, 85C, Lead Spacing = 22.5mm
R60MN3470AA30J KEMET-R60MN3470AA30J Datasheet
59Kb / 1P
   R60, Film, Metallized Polyester, Automotive Grade, 0.47 uF, 5%, 400 VDC, 85C, Lead Spacing = 22.5mm
More results

Similar Description - R60MN32205030K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MI3220AA40J KEMET-R60MI3220AA40J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.22 uF, 5%, 400 V, 85C, Lead Spacing = 15mm
R60MN41505040J KEMET-R60MN41505040J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 1.5 uF, 5%, 400 V, 85C, Lead Spacing = 22.5mm
R60MI32205040J KEMET-R60MI32205040J Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.22 uF, 5%, 400 V, 85C, Lead Spacing = 15mm
R60MN34705030J KEMET-R60MN34705030J Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.47 uF, 5%, 400 V, 85C, Lead Spacing = 22.5mm
R60DN5100AA30K KEMET-R60DN5100AA30K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 63 V, 85C, Lead Spacing = 22.5mm
R60EN44705030K KEMET-R60EN44705030K Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4.7 uF, 10%, 100 V, 85C, Lead Spacing = 22.5mm
R60EN4220AA30K KEMET-R60EN4220AA30K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 2.2 uF, 10%, 100 V, 85C, Lead Spacing = 22.5mm
R60PN31005030K KEMET-R60PN31005030K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.1 uF, 10%, 630 V, 85C, Lead Spacing = 22.5mm
R60QN24705000K KEMET-R60QN24705000K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.047 uF, 10%, 1,000 V, 85C, Lead Spacing = 22.5mm
R60IN4100AA30K KEMET-R60IN4100AA30K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 1 uF, 10%, 250 V, 85C, Lead Spacing = 22.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com