Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S501LI107W2R7U Datasheet(PDF) 3 Page - Kemet Corporation

Part # S501LI107W2R7U
Description  Snap-In Supercapacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S501LI107W2R7U Datasheet(HTML) 3 Page - Kemet Corporation

  S501LI107W2R7U Datasheet HTML 1Page - Kemet Corporation S501LI107W2R7U Datasheet HTML 2Page - Kemet Corporation S501LI107W2R7U Datasheet HTML 3Page - Kemet Corporation S501LI107W2R7U Datasheet HTML 4Page - Kemet Corporation S501LI107W2R7U Datasheet HTML 5Page - Kemet Corporation S501LI107W2R7U Datasheet HTML 6Page - Kemet Corporation S501LI107W2R7U Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6003_S501 • 11/19/2013
Snap-In Supercapacitors – S501 Series, Snap-In, 2.7 V, 65ºC
Performance Characteristics
Item
Performance Characteristics
Rated Voltage
2.7 VDC
Surge Voltage
2.85 VDC
Capacitance Range
100 – 600 F
Capacitance Tolerance
-5/+10%;[100F-0/+20%]
Temperature Range
-40°Cto+65°C
Storage Temperature Range
-40°Cto+70°C
Life, DC
10 years, rated voltage, 25°C
ΔC<20%decrease,ESR<100%increase
Life, Endurance
1,000 hours, rated voltage, 65°C
ΔC<20%decrease,ESR<100%increase
Life, Shelf
1,000 hours, no voltage, 70°C
ΔC<20%decrease,ESR<100%increase
Life, Cycle
> 500,000 cycles, rated to half rated voltage, 25°C
ΔC<20%decrease,ESR<100%increase
Standards Compliance
RoHS, UL810a, BS EN 60068-2-6,27,29, IEC 60068-2-14, SAE
J2464, J2390, J1455, ASTM B117, IP65, MIL–STD–810 B, Test
Methods 516.3-5, 514.3-1, 509.2-1
Approvals
Series
Test Type
Test Standard
Date completed
(or estimated)
S501
Vibration
IEC 60068-2-6
May 2013
SAE J2380
ISO 16750-3
Mechanical shock
IEC 60068-2-27
Underwriters Laboratory
UL-810A 1
by Partnumber
SAE Safety And Abuse
SAE J24645 2
pending 12/31/2013
1
UL-810A includes the following tests: Short Circuit, Abnormal Charge, Heating, Crush, Impact, Shock, Vibration
2
SAE J2464 Includes the following tests: Nail Penetration, Crush, Thermal Stability, Thermal Shock, Short Ciruit, Overcharge, Forced Vent


Similar Part No. - S501LI107W2R7U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501LI407V2R7A KEMET-S501LI407V2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
More results

Similar Description - S501LI107W2R7U

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501DC107W2R7A KEMET-S501DC107W2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
   Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
   Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
   Supercapacitors
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
   Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
   Supercapacitors
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
   Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com