Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S501LI407V2R7A Datasheet(PDF) 5 Page - Kemet Corporation

Part # S501LI407V2R7A
Description  Snap-In Supercapacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S501LI407V2R7A Datasheet(HTML) 5 Page - Kemet Corporation

  S501LI407V2R7A Datasheet HTML 1Page - Kemet Corporation S501LI407V2R7A Datasheet HTML 2Page - Kemet Corporation S501LI407V2R7A Datasheet HTML 3Page - Kemet Corporation S501LI407V2R7A Datasheet HTML 4Page - Kemet Corporation S501LI407V2R7A Datasheet HTML 5Page - Kemet Corporation S501LI407V2R7A Datasheet HTML 6Page - Kemet Corporation S501LI407V2R7A Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6003_S501 • 11/19/2013
Snap-In Supercapacitors – S501 Series, Snap-In, 2.7 V, 65ºC
Mounting
Donotscratchorfiletheleadterminals.Theterminalsareplatedwithmetalandtheremovaloftheplatedmaterialwillcausepoor
solderability.
Do not overheat when soldering. Solder temperature lower than 260°C and time shorter than 5 seconds are recommended. For
hand soldering, tip temperature should be no higher than 350°C (662°F) for a maximum contact time of 3 seconds. Only the snap-in
terminals should come into contact with liquid solder or iron. Excessive heat on the snap-in terminal boards can cause damage to
seals, shrink sleeve, and electrodes resulting in shortened life or premature part failure.
IMPORTANT! DO NOT DEFORM, PULL or TWIST the terminals. The terminals are attached to the electrodes in the interior of the
aluminum casing and are tightly embedded in the rubber-plug sealing the casing. Repeated or forceful bending, pulling, or twisting
of the terminal may create a path opening along the terminal in the rubber for electrolyte to leak out. The electrolyte leakage may not
only shorten the useful life of the product, but it may also cause corrosion and/or short-circuit of neighboring circuitry. If deforming the
terminal is unavoidable or essential to the assembly process, please use needle-nose pliers to bend the lead wire while holding the
base of the same terminal using another needle-nose pliers so that the force applied to the wire is not transmitted to the rubber seal.
KEMET recommends utilizing a PC board when connecting the cells to the circuit or electronic devices. In addition, avoid placing
exothermic components near the supercapacitor or on the opposite side of the PC board.
Please maintain a minimum distance of 3 mm between the bottom surface (opposite terminals) of the cell and other components/
housings in order to allow for unimpeded venting of gas through the safety vent.
Packaging Quantities
Part Number Capacitance
(F)
Rated
Voltage
Package
Type
Package
Quantity
Box
Weight
Box
Length
Box
Width
Box
Height
S501DC107W2R7A
100
2.7
Box with Cardboard
Separators
128
7 lbs (3.2 kgs) 15.0" (381 mm) 8.0" (203 mm) 3.5" (89 mm)
S501LF357V2R7A
350
2.7
50
8 lbs (3.7 kgs) 15.0" (381 mm) 8.0" (203 mm) 3.5" (89 mm)
S501LF357V2R7U
350
2.7
50
9 lbs (4.1 kgs) 15.0" (381 mm) 8.0" (203 mm) 3.5" (89 mm)
S501LI407V2R7A
400
2.7
50
9 lbs (4.1 kgs) 15.0" (381 mm) 8.0" (203 mm) 3.5" (89 mm)
S501LR607V2R7A
600
2.7
65
16 lbs (7.3 kgs) 17.0" (432 mm) 8.5" (216 mm) 4.0" (102 mm)
Standard Marking
• KEMET logo
• Rated capacitance
• Rated voltage
• Product number
• Negative terminal marking
• Energy in Wh


Similar Part No. - S501LI407V2R7A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501LI407V2R7A KEMET-S501LI407V2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
More results

Similar Description - S501LI407V2R7A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S501DC107W2R7A KEMET-S501DC107W2R7A Datasheet
413Kb / 7P
   Snap-In Supercapacitors
logo
Cooper Bussmann, Inc.
M0810-2R5105-R COOPER-M0810-2R5105-R Datasheet
253Kb / 2P
   Supercapacitors
PHV-5R4V474-R COOPER-PHV-5R4V474-R Datasheet
199Kb / 2P
   Supercapacitors
PB-5R0H105-R COOPER-PB-5R0H105-R Datasheet
254Kb / 2P
   Supercapacitors
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
   Supercapacitors
A0820-2R5474-R ETC2-A0820-2R5474-R Datasheet
178Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
PM-5R0V474-R COOPER-PM-5R0V474-R Datasheet
246Kb / 2P
   Supercapacitors
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
   Supercapacitors
A_SERIES COOPER-A_SERIES Datasheet
105Kb / 2P
   Supercapacitors
PHB-5R0V155-R COOPER-PHB-5R0V155-R Datasheet
239Kb / 2P
   Supercapacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com