Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3703EGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3703EGN
Description  100V Synchronous Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3703EGN Datasheet(HTML) 4 Page - Linear Technology

  LTC3703EGN Datasheet HTML 1Page - Linear Technology LTC3703EGN Datasheet HTML 2Page - Linear Technology LTC3703EGN Datasheet HTML 3Page - Linear Technology LTC3703EGN Datasheet HTML 4Page - Linear Technology LTC3703EGN Datasheet HTML 5Page - Linear Technology LTC3703EGN Datasheet HTML 6Page - Linear Technology LTC3703EGN Datasheet HTML 7Page - Linear Technology LTC3703EGN Datasheet HTML 8Page - Linear Technology LTC3703EGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3703
4
3703f
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Load Current
Load Transient Response
VCC Current vs VCC Voltage
VCC Current vs Temperature
VCC Shut-Down Current vs VCC
Voltage
VCC Shut-Down Current vs
Temperature
Reference Voltage vs
Temperature
Normalized Frequency vs
Temperature
TEMPERATURE (
°C)
–60 –40 –20
0
60
100
20
40
80
TEMPERATURE (
°C)
–60 –40 –20
0
60
100
20
40
80
–60 –40 –20
0
20
40
60
80
100
TEMPERATURE (
°C)
3703 G09
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
INPUT VOLTAGE (V)
3703 G01
100
95
90
85
80
75
70
0
20
40
50
10
30
60
70
80
LOAD CURRENT (A)
0
0.5
1.5
2.5
3.5
4.5
100
95
90
85
80
75
70
1.0
2.0
3.0
4.0
3703 G02
5.0
VCC VOLTAGE (V)
6
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
12
3703 G04
810
14
16
TEMPERATURE (
°C)
–60 –40 –20
0
60
100
3703 G05
20
40
80
4
3
2
1
0
3703 G03
VCC VOLTAGE (V)
6
100
90
80
70
60
50
40
30
20
10
0
14
3703 G06
8
10
12
16
3703 G07
70
65
60
55
50
45
40
35
30
0.803
0.802
0.801
0.800
0.799
0.798
3703 G08
VOUT = 12V
f = 300kHz
PULSE SKIP DISABLED
VOUT = 5V
f = 250kHz
PULSE SKIP ENABLED
IOUT = 0.5A
IOUT = 5A
VIN = 75V
VIN = 45V
VIN = 15V
VOUT
50mV/DIV
IOUT
2A/DIV
VIN = 50V
VOUT = 12V
1A TO 5A LOAD STEP
50
µs/DIV
VFB = 0V
COMP = 1.5V
VFB = 0V
COMP = 1.5V
TA = 25°C (unless otherwise noted).


Similar Part No. - LTC3703EGN

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3703EGN LINEAR-LTC3703EGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
LTC3703EGN LINEAR-LTC3703EGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
logo
Linear Technology
LTC3703EGN-5 LINER-LTC3703EGN-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
More results

Similar Description - LTC3703EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
LTC3703IGN LINEAR-LTC3703IGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
logo
Linear Technology
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704 LINER-LTC1704_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704EGN LINER-LTC1704EGN Datasheet
358Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
LTC1704B LINER-LTC1704B_15 Datasheet
353Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com