Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-TW8 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-TW8
Description  16-BIT SIN/COS INTERPOLATOR
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW8 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-TW8_16 Datasheet HTML 6Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 7Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 8Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 9Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 10Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 11Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 12Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 13Page - IC-Haus GmbH IC-TW8_16 Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
iC-TW8 16-BIT SIN/COS INTERPOLATOR
WITH AUTO-CALIBRATION
Rev C2, Page 10/67
ELECTRICAL CHARACTERISTICS
Operating conditions: AVDD = DVDD = 3.1...5.5 V, Tj = -40...+125 °C, reference point AVSS unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Reset and Start-Up: xRST
601 DVDDon
DVDD Reset Threshold
increasing voltage at DVDD;
xRST tied to DVDD
2.7
V
xRST connected through 68 kΩ to DVSS
4.0
V
602 Vt()hi
Input Logic Threshold High
increasing voltage at xRST
2.7
V
603 Vt()lo
Input Logic Threshold Low
0.8
V
604 Rpu()
Pull-Up Resistor
V() = 0 ... DVDD - 1 V
40
kΩ
605 tstart
Startup Time
AVDD, DVDD = 5 V, fxtl = 24 MHz by crystal;
pin configuration (EEPROM connected)
100
ms
ready for serial configuration:
EEPROM connected
100
ms
no EEPROM, SDA = AVSS
10
ms
no EEPROM, SDA = AVDD
100
ms
606 td()lo
Low-Level Duration for Reset
Triggering
V(xRST) < Vt(xRST)lo
10
ns
Digital Input Pins:
EESEL, CALIB, CLOCK, IR, FRAME, SPI_SI, SPI_SCLK, SPI_xSS, PINSEL, SCL, SDA, FAB
701 Vt()hi
Input Logic Threshold High
DVDD = 5 V
2.2
V
DVDD = 3.3 V
2.2
V
702 Vt()lo
Input Logic Threshold Low
DVDD = 5 V
0.8
V
DVDD = 3.3 V
0.8
V
703 Vt()hi
Input Logic Threshold High
CALIB, SPI_SCLK
DVDD = 5 V
3.75
V
DVDD = 3.3 V
2.47
V
704 Vt()lo
Input Logic Threshold Low
CALIB, SPI_SCLK
DVDD = 5 V
0.75
V
DVDD = 3.3 V
0.49
V
706 Ilk()
Input Leakage Current at
SPI_SI, SPI_SCLK, SPI_xSS
±50
nA
707 Rpu()
Pull-Up Resistor at IR
150
kΩ
708 Rpu()
Pull-Up Resistor at
CALIB, SCL, SDA
10
kΩ
709 Rpd()
Pull-Down Resistor at EESEL,
CLOCK, FRAME, PINSEL
150
kΩ
710 Rpd()
Pull-Down Resistor at FAB
4
kΩ
711 tstore
Required CALIB Wait Time for
Parameter Storage to EEPROM
writing of 150 bytes after CALIB lo → hi;
for EEPROM with write time of 5 ms
770
ms
for EEPROM with write time of 2 ms
320
ms
Digital Output Pins:
CLOCK, IR, FRAME, SPI_SO, OUTA, OUTB, OUTZ, STATUS, FAULT, SCL, SDA, WP
801 Vs()hi
Output Voltage High
pins SCL, SDA excluded;
DVDD = 5 V, IOUT = 4 mA
4.4
V
DVDD = 3.3 V, IOUT = 4 mA
2.7
V
802 Vs()lo
Output Voltage Low
DVDD = 5 V, IOUT = -4 mA
0.45
V
DVDD = 3.3 V, IOUT = -4 mA
0.45
V
803 Idc()max
Permissible Output DC Load
per pin
±10
mA
804 Idcmax
Permissible Total Output DC
Load
for all output pins in aggregate
±60
mA
805 tr()
Rise Time
DVDD = 5 V, CL = 50 pF
50
ns
DVDD = 3.3 V, CL = 50 pF
30
ns
806 tf()
Fall Time
DVDD = 5 V, CL = 50 pF
50
ns
DVDD = 3.3 V, CL = 50 pF
30
ns
807 fclk(SCL)
SCL Clock Frequency
I2C access to EEPROM on power up
100
kHz
after configuration, max. at fosc = 32 MHz
fosc/128 250
kHz
808 twhi
Duty Cycle at OUTA, OUTB
referred to period T, see Fig. 2
50
%
809 tAB
Output Phase OUTA vs. OUTB
referred to period T, see Fig. 2
25
%
810 tMTD
Minimum Edge Distance at
OUTA vs. OUTB
fcore = fxtl or fosc, AB_CFG1.div = 0,
AB_VTOP = 0, see Fig. 2
1/fcore


Similar Part No. - IC-TW8_16

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
More results

Similar Description - IC-TW8_16

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-MR ICHAUS-IC-MR Datasheet
1Mb / 44P
   13-BIT S&H SIN/COS INTERPOLATOR WITH CONTROLLER INTERFACES
IC-MR3 ICHAUS-IC-MR3 Datasheet
1Mb / 63P
   13-BIT S&H SIN/COS INTERPOLATOR WITH 2.5 V/ 5 V CONTROLLER INTERFACES
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-MSB ICHAUS-IC-MSB_17 Datasheet
1,014Kb / 32P
   SIN/COS SIGNAL CONDITIONER
IC-LSHC ICHAUS-IC-LSHC_17 Datasheet
669Kb / 9P
   3-CHANNEL SIN/COS PHOTOSENSOR ARRAY
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com