Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3832 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 4Page - Linear Technology LTC3832 Datasheet HTML 5Page - Linear Technology LTC3832 Datasheet HTML 6Page - Linear Technology LTC3832 Datasheet HTML 7Page - Linear Technology LTC3832 Datasheet HTML 8Page - Linear Technology LTC3832 Datasheet HTML 9Page - Linear Technology LTC3832 Datasheet HTML 10Page - Linear Technology LTC3832 Datasheet HTML 11Page - Linear Technology LTC3832 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
LTC3832/LTC3832-1
sn3832 3832fs
TEST CIRCUITS
FB
SS
FREQSET
COMP
IMAX
NC
NC
NC
NC
G1
G2
SHDN
VCC
VSHDN VCC
PVCC2 PVCC1
PVCC
IFB
6800pF
6800pF
3832 F02
GND
PGND
SENSE
LTC3832
SENSE+
COMP
FB
VCOMP
VFB
G1
G2
IFB
VCC
PVCC1
5V
PVCC2
6800pF
0.1
µF
10
µF
6800pF
G1 RISE/FALL
G2 RISE/FALL
3832 F03
IMAX
GND
PGND
LTC3832
+
Figure 2
Figure 3
BLOCK DIAGRA
(LTC3832-1)
+
+
R
S
PVCC1
G1
VCC/PVCC2
G2
PGND
FB
VREF
VREF + 10%
3832 BD2
BG
Q
Q
R
POR
S
FFG2
ENABLE
G2
Q
PWM
QSS
VREF
VREF + 10%
MAX
ERR
12
µA
INTERNAL
OSCILLATOR
COMP
SS
POWER DOWN
DISABLE GATE DRIVE
THERMAL SHUTDOWN
2.2V
QC
1.2V
PVCC1
VCC + 2.5V
+
V
APPLICATIO S I FOR ATIO
OVERVIEW
The LTC3832/LTC3832-1 are voltage mode feedback,
synchronous switching regulator controllers (see Block
Diagram) designed for use in high power, low voltage
step-down (buck) converters. They include an onboard
PWM generator, a precision reference trimmed to
±0.8%,
two high power MOSFET gate drivers and all necessary
feedback and control circuitry to form a complete switch-
ing regulator circuit. The PWM loop nominally runs at
300kHz.
The LTC3832 includes a current limit sensing circuit that
uses the topside external N-channel power MOSFET as a
current sensing element, eliminating the need for an
external sense resistor.


Similar Part No. - LTC3832

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3832 LINER-LTC3832 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
More results

Similar Description - LTC3832

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3832-1 LINER-LTC3832-1_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3832 LINER-LTC3832_15 Datasheet
326Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830 LINER-LTC3830 Datasheet
305Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
LTC3830-1 LINER-LTC3830-1_15 Datasheet
275Kb / 24P
   High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
logo
Maxim Integrated Produc...
MAX1744_0908 MAXIM-MAX1744_0908 Datasheet
305Kb / 15P
   High-Voltage, Step-Down DC-DC Controllers in μMAX
Rev 4; 8/09
logo
Linear Technology
LTC3869 LINER-LTC3869 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869 LINER-LTC3869_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869EUFD LINER-LTC3869EUFD Datasheet
313Kb / 8P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3869-2 LINER-LTC3869-2_15 Datasheet
524Kb / 42P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com