Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT157 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT157
Description  HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT157 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT157 Datasheet HTML 1Page - STMicroelectronics M74HCT157 Datasheet HTML 2Page - STMicroelectronics M74HCT157 Datasheet HTML 3Page - STMicroelectronics M74HCT157 Datasheet HTML 4Page - STMicroelectronics M74HCT157 Datasheet HTML 5Page - STMicroelectronics M74HCT157 Datasheet HTML 6Page - STMicroelectronics M74HCT157 Datasheet HTML 7Page - STMicroelectronics M74HCT157 Datasheet HTML 8Page - STMicroelectronics M74HCT157 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature: M54HC Series
M74HC Series
-55 to +125
-40 to +85
oC
oC
tr,tf
Input Rise and Fall Time (VCC = 4.5 to 5.5V)
0 to 500
ns
M54/M74HCT157 M54/M74HCT158
4/11


Similar Part No. - M74HCT157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
249Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
M74HCT157B1R STMICROELECTRONICS-M74HCT157B1R Datasheet
249Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
M74HCT157M1R STMICROELECTRONICS-M74HCT157M1R Datasheet
249Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
M74HCT157RM13TR STMICROELECTRONICS-M74HCT157RM13TR Datasheet
249Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
M74HCT157TTR STMICROELECTRONICS-M74HCT157TTR Datasheet
249Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
More results

Similar Description - M74HCT157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
211Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER (INV.)
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER (INV.)
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
   HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com