Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCTXXXC1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCTXXXC1R
Description  HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCTXXXC1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCTXXXC1R Datasheet HTML 1Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 2Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 3Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 4Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 5Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 6Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 7Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 8Page - STMicroelectronics M74HCTXXXC1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CHIP CARRIER
HCT157
HCT158
PIN DESCRIPTION (for HCT157)
PIN No
SYMBOL
NAME AND FUNCTION
1
SELECT
Common Data Select
Input
2, 5, 11, 14
1A to 4A
Data Inputs From
Source A
3, 6, 10, 13
1B to 4B
Data Inputs From
Source B
4, 7, 9, 12
1Y to 4Y
Multiplexer Output
15
STROBE
Strobe Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
PIN DESCRIPTION (for HCT158)
PIN No
SYMBOL
NAME AND FUNCTION
1
SELECT
Common Data Select
Input
2, 5, 11, 14
1A to 4A
Data Inputs From
Source A
3, 6, 10, 13
1B to 4B
Data Inputs From
Source B
4, 7, 9, 12
1Y to 4Y
Multiplexer Output
15
STROBE
Strobe Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUT AND OUTPUT EQUIVALENT CIRCUIT
M54/M74HCT157 M54/M74HCT158
2/11


Similar Part No. - M74HCTXXXC1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCTXXXC1R STMICROELECTRONICS-M74HCTXXXC1R Datasheet
269Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HCT563 INVERTING - HCT573 NON INVERTING
More results

Similar Description - M74HCTXXXC1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
211Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER (INV.)
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER (INV.)
74AC158 STMICROELECTRONICS-74AC158 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER INV.
May 1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
   HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com