Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCX-LJ-1.5DHQS-CR1-1 Datasheet(PDF) 1 Page - DDK Ltd.

Part # MCX-LJ-1.5DHQS-CR1-1
Description  Low Profile Push-On Coaxial Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

MCX-LJ-1.5DHQS-CR1-1 Datasheet(HTML) 1 Page - DDK Ltd.

  MCX-LJ-1.5DHQS-CR1-1 Datasheet HTML 1Page - DDK Ltd. MCX-LJ-1.5DHQS-CR1-1 Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
MCX series is a low profile push-on connector which
conforms to IEC61169-36.
It is a more space-saving design than the SMB
connector and suitable for the equipment which
requires the limited space.
GPS, Base Station, Telecom, Electric Toll
Collection System, Portabe Navigation Device(PND)
MCX Series
Low Profile Push-On Coaxial Connectors
RoHS
Compliant
RoHS
Compliant
121226
1.5
1.4
1.3
1.2
1.1
1.0
0        1        2        3
Frequency【GHz】
MCX-LP-1.5DHQS-CR1-1
L=300mm
Frequency
Range
DCto6GHz
50 Ω
DIP
Lock Type
Push On
Applicable
Cable
•1.5D-HQ・SUPER
•1.5D-QEHV(TA)
嵌合高さ(参考):MCX-SR-PCMCX-LP-1.5DHQS-CR1-1
Mating Height (Reference)
MCX-SR-PC and MCX-LP-1.5DHQS-CR1-1
Item
Specification
Characteristic Impedance
50 Ω
Rated Voltage
335VAC(r.m.s.)
Dielectric Withstanding Voltage 500V AC(r.m.s.)for1 minute
Insulation Resistance
1.000M Ω Mim. at 500V DC
Contact Resistance
Center Contact : 5m Ω Max.
Outer Contact : 2.5m Ω Max.
Frequency Range
DC to 6GHz
Operating Temperature
-55 〜 +85℃
Part No.
Material/Finish
Contact
Copper Alloy / Au Plating
Insulator
PTFE
Outer Conductor
Copper Alloy / Ni Plating
OUTLINE
APPLICATION
SPECIFICATION
MATERIAL/FINISH
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
Characteristic
Impedance
Mounting
Type


Similar Part No. - MCX-LJ-1.5DHQS-CR1-1

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MCX-CA SAMTEC-MCX-CA Datasheet
220Kb / 1P
   Cable Assemblies
MCX-EM SAMTEC-MCX-EM Datasheet
220Kb / 1P
   Cable Assemblies
MCX-J-C-H-ST-CA1 SAMTEC-MCX-J-C-H-ST-CA1 Datasheet
220Kb / 1P
   Cable Assemblies
MCX-J-C-H-ST-CA2 SAMTEC-MCX-J-C-H-ST-CA2 Datasheet
220Kb / 1P
   Cable Assemblies
MCX-J-C-HF-ST-CA1S SAMTEC-MCX-J-C-HF-ST-CA1S Datasheet
220Kb / 1P
   Cable Assemblies
More results

Similar Description - MCX-LJ-1.5DHQS-CR1-1

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MCX DDK-MCX Datasheet
567Kb / 2P
   Low Profile Push-On Coaxial Connectors
SSMB-SP-0.8DV-CR-CF DDK-SSMB-SP-0.8DV-CR-CF Datasheet
846Kb / 5P
   Low Profile Push-On Coaxial Connector
SSMB DDK-SSMB Datasheet
844Kb / 5P
   Low Profile Push-On Coaxial Connector
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
   Push-on Lock Coaxial Connectors for Digital Broadcasting
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
   POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
logo
DDK Ltd.
LPC-LP-0.8DQEW DDK-LPC-LP-0.8DQEW Datasheet
187Kb / 2P
   Low-profile Coaxial Connectors
logo
Hirose Electric
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
   Push-On Coaxial Connectors (PC Card Type 2 Mountable)
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
   MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com