Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCX-SR-PC Datasheet(PDF) 2 Page - DDK Ltd.

Part # MCX-SR-PC
Description  Low Profile Push-On Coaxial Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

MCX-SR-PC Datasheet(HTML) 2 Page - DDK Ltd.

  MCX-SR-PC Datasheet HTML 1Page - DDK Ltd. MCX-SR-PC Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit:mm
MCX Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
2
○Angle Receptacle for Panel
○Straight Jack for Panel
○ Straight Jack for Cable
○Straight Receptacle for Panel
A3
MCX-LP-1.5DHQS-CR1-1
仕様(Specifications)
1.公称インピーダンス
:50Ω
 Characteristic Impedance :50Ω
2.定格電圧            :335V(交流実効値)
(9.7)
12.7
φ4.8
6.2
□6
A3
GENERAL TOLERANCE
REV.
DIMENSIONS
DESIGNED
ANGLE
UNIT
SCALE
TITLE
DRAWING NUMBER
APPROVED
DRAWN BY
CHECKED
MCX-LJ-1.5DHQS-CR1-1
96950
A
5:1 mm
±0.2
S.Ishihara
Aug.22.2007
S.Ishihara
Aug.22.2007
注記(NOTE)
1.符号①,②は添付品とする。
 PART ①,② ATTACHED.  
5.
耐電  :500V(交流実効値),1分間
1 MINUTE
6.
絶縁抵抗   :500V(直流)にて1000MΩ以上
500V DC
7.
接触抵抗 
:中心導体:5mΩ以下
OUTER
□6
(9.7)
12.7
6.2
φ4.8
PROJECTION
MATERIAL
DRAWING NUMBER
ITEM
PART NAME
QTY.
FINISH. OTHER
1
1
PLATE
STAINLESS STEEL
測定電流:10mA
開放電圧:20mV
1
2
FERRULE
COPPER ALLOY
NICKEL PLATING
1
3
BODY
COPPER ALLOY
NICKEL PLATING
1
4
BODY
COPPER ALLOY
NICKEL PLATING
1
5
CONTACT
PTFE
1
6
INSULATOR
COPPER ALLOY
GOLD PLATING
12.1
14.55
□5.7
4-□0.7
P.C.B Mounting Dimensions
A3
MCX-SPR-PC
96944
0.4 0.1
5.08 0.1
2.54 0.05
+0.1
0
5-φ1.2
MCX-LPR-PC
96946
4-□0.7
□5.7
(10.2)
5.08 0.1
2.54 0.05
+0.1
0
5-φ1.2
4.5 0.1
φ1 0.1
4-□0.7
□5.7
P.C.B Mounting Dimensions
6.4
(10)
3.6
4-□0.8
□5.88
P.C.B Mounting Dimensions
A3
MCX-SR-PC
96941
5.08 0.05
2.54 0.025
5-φ1.35 0.05
0.4 0.1
MCX-LP-1.5DHQS-CR1-1
MCX-LJ-1.5DHQS-CR1-1
MCX-SPR-PC
MCX-LPR-PC
MCX-SR-PC
○ Straight Plug for Cable
Characteristic Impedance
50 Ω
Applicable Connector
MCX Style Jack
Applicable Cable
1.5D-HQ Super(Fujikura) or Equivalence
1.5D-QEHV(AT) Super(Shikoku Electric) or
Equivalence
Characteristic Impedance
50 Ω
Applicable Connector
MCX Style Plug
Applicable Cable
1.5D-HQ Super(Fujikura) or Equivalence
1.5D-QEHV(AT) Super(Shikoku Electric) or
Equivalence
Characteristic Impedance
50 Ω
Applicable Connector
MCX Style Jack
Characteristic Impedance
50 Ω
Applicable Connector
MCX Style Jack
Characteristic Impedance
50 Ω
Applicable Connector
MCX Style Plug


Similar Part No. - MCX-SR-PC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
MCX-SHL-005-F SAMTEC-MCX-SHL-005-F Datasheet
201Kb / 1P
   MCX STRAIGHT, SURFACE MOUNT PLUG- 75 OHM
11/30/2007
MCX-SM SAMTEC-MCX-SM Datasheet
220Kb / 1P
   Cable Assemblies
More results

Similar Description - MCX-SR-PC

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
MCX DDK-MCX Datasheet
567Kb / 2P
   Low Profile Push-On Coaxial Connectors
SSMB-SP-0.8DV-CR-CF DDK-SSMB-SP-0.8DV-CR-CF Datasheet
846Kb / 5P
   Low Profile Push-On Coaxial Connector
SSMB DDK-SSMB Datasheet
844Kb / 5P
   Low Profile Push-On Coaxial Connector
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
   Push-on Lock Coaxial Connectors for Digital Broadcasting
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
   POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
logo
DDK Ltd.
LPC-LP-0.8DQEW DDK-LPC-LP-0.8DQEW Datasheet
187Kb / 2P
   Low-profile Coaxial Connectors
logo
Hirose Electric
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
   Push-On Coaxial Connectors (PC Card Type 2 Mountable)
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
   MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com