Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC997A6RLRP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC997A6RLRP
Description  SENSITIVE GATE TRACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC997A6RLRP Datasheet(HTML) 5 Page - ON Semiconductor

  MAC997A6RLRP Datasheet HTML 1Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 2Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 3Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 4Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 5Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 6Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 7Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 8Page - ON Semiconductor MAC997A6RLRP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MAC997 Series
http://onsemi.com
5
Figure 5. Transient Thermal Response
Figure 6. Maximum Allowable Surge Current
0.1
1.0
10
100
1.0
t, TIME (ms)
0.1
0.01
1
S103
1
S104
3.0
30
50
1.0
2.0
100
3.0
2.0
1.0
NUMBER OF CYCLES
5.0
10
ZQJC(t) = RQJC(t) @ r(t)
10
5.0
Surge is preceded and followed by rated current.
TJ = 110°C
f = 60 Hz
CYCLE
Figure 7. Typical Gate Trigger Current versus
Junction Temperature
Figure 8. Typical Gate Trigger Voltage versus
Junction Temperature
Figure 9. Typical Latching Current versus
Junction Temperature
Figure 10. Typical Holding Current versus
Junction Temperature
100
10
1
0
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.4
TJ, JUNCTION TEMPERATURE (°C)
0.3
TJ, JUNCTION TEMPERATURE (°C)
1
TJ, JUNCTION TEMPERATURE (°C)
0.1
35
50
80
–40
–25
5
20
95
110
20
35
80
–40 –25
–10
5
95
110
10
–10
65
Q4
Q3
Q2
Q1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
50
65
Q4
Q3
Q2
Q1
100
10
1
0
35
50
80
–40
–25
5
20
95
110
–10
65
Q4
Q3
Q2
Q1
35
50
80
–40
–25
5
20
95
110
–10
65
MT2 Negative
MT2 Positive


Similar Part No. - MAC997A6RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC997A6RLRP ONSEMI-MAC997A6RLRP Datasheet
147Kb / 11P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006??Rev. 3
More results

Similar Description - MAC997A6RLRP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
NXP Semiconductors
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs sensitive gate
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.100
BT138 PHILIPS-BT138 Datasheet
47Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT138X PHILIPS-BT138X Datasheet
51Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BT139X PHILIPS-BT139X Datasheet
49Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
BTA151 PHILIPS-BTA151 Datasheet
43Kb / 6P
   Thyristors sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BTB08-800BW KERSEMI-BTB08-800BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
BTB04-600SL KERSEMI-BTB04-600SL Datasheet
1Mb / 5P
   SENSITIVE GATE TRIACS
BTA08-800BW KERSEMI-BTA08-800BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com