Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX829EUK Datasheet(PDF) 6 Page - ON Semiconductor

Part # MAX829EUK
Description  Switched Capacitor Voltage Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX829EUK Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MAX829EUK Datasheet HTML 2Page - ON Semiconductor MAX829EUK Datasheet HTML 3Page - ON Semiconductor MAX829EUK Datasheet HTML 4Page - ON Semiconductor MAX829EUK Datasheet HTML 5Page - ON Semiconductor MAX829EUK Datasheet HTML 6Page - ON Semiconductor MAX829EUK Datasheet HTML 7Page - ON Semiconductor MAX829EUK Datasheet HTML 8Page - ON Semiconductor MAX829EUK Datasheet HTML 9Page - ON Semiconductor MAX829EUK Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MAX828, MAX829
http://onsemi.com
6
MAX828: C1 = C2 = C3 = 10 mF
MAX829: C1 = C2 = C3 = 3.3 mF
6
4
2
3
1
OSC
−Vout
C1
C2
RL
+
+
C3
Vin
+
Figure 20. Test Setup/Voltage Inverter
DETAILED OPERATING DESCRIPTION
The MAX828/829 charge pump converters inverts the
voltage applied to the Vin pin. Conversion consists of a
two−phase operation (Figure 21). During the first phase,
switches S2 and S4 are open and S1 and S3 are closed. During
this time, C1 charges to the voltage on Vin and load current
is supplied from C2. During the second phase, S2 and S4 are
closed, and S1 and S3 are open. This action connects C1
across C2, restoring charge to C2.
Figure 21. Ideal Switched Capacitor Charge Pump
S3
S4
C2
C1
S1
S2
Vin
−Vout
From Osc
APPLICATIONS INFORMATION
Output Voltage Considerations
The MAX828/829 performs voltage conversion but does
not provide regulation. The output voltage will drop in a
linear manner with respect to load current. The value of this
equivalent output resistance is approximately 26
W nominal
at 25
°C and Vin = 5.0 V. Vout is approximately −5.0 V at light
loads, and drops according to the equation below:
VDROP + Iout
Rout
Vout
+ * (Vin * VDROP)
Charge Pump Efficiency
The overall power efficiency of the charge pump is
affected by four factors:
1. Losses from power consumed by the internal
oscillator, switch drive, etc. (which vary with input
voltage, temperature and oscillator frequency).
2. I2R losses due to the on−resistance of the MOSFET
switches on−board the charge pump.
3. Charge pump capacitor losses due to Equivalent
Series Resistance (ESR).
4. Losses that occur during charge transfer from the
commutation capacitor to the output capacitor when
a voltage difference between the two capacitors
exists.
Most of the conversion losses are due to factors 2, 3 and 4.
These losses are given by Equation 1.
P
LOSS(2,3,4) +
Iout
2
Rout ^ Iout
2
1
(f
OSC
)C1
) 8R
SWITCH )
4ESR
C1
) ESR
C2
(eq. 1)
The 1/(fOSC)(C1) term in Equation 1 is the effective output
resistance of an ideal switched capacitor circuit (Figures 22
and 23).
The losses due to charge transfer above are also shown in
Equation 2. The output voltage ripple is given by Equation 3.
) 0.5C2 (VRIPPLE2 * 2VoutVRIPPLE)] fOSC
PLOSS + [0.5C1 (Vin
2
* Vout2)
(eq. 2)
V
RIPPLE +
Iout
(f
OSC
)(C
2
)
) 2(I
out)(ESRC2
)
(eq. 3)
RL
C2
C1
Vin
Vout
f
Figure 22. Ideal Switched Capacitor Model
RL
C2
Vin
Vout
REQUIV
R
EQUIV +
1
f
C1
Figure 23. Equivalent Output Resistance


Similar Part No. - MAX829EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX829EUK MAXIM-MAX829EUK Datasheet
85Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 2; 4/97
logo
ON Semiconductor
MAX829EUK ONSEMI-MAX829EUK Datasheet
164Kb / 17P
   Switched Capacitor Voltage Converter
December, 2005 ??Rev. 4
logo
Maxim Integrated Produc...
MAX829EUK MAXIM-MAX829EUK Datasheet
177Kb / 8P
   Switched-Capacitor Voltage Inverters
1999
logo
ON Semiconductor
MAX829EUKG ONSEMI-MAX829EUKG Datasheet
164Kb / 17P
   Switched Capacitor Voltage Converter
December, 2005 ??Rev. 4
More results

Similar Description - MAX829EUK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com