Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS11V-06180-CH Datasheet(PDF) 4 Page - Kemet Corporation

Part # SS11V-06180-CH
Description  SS Coils, SS11V/H-CH Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS11V-06180-CH Datasheet(HTML) 4 Page - Kemet Corporation

  SS11V-06180-CH Datasheet HTML 1Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 2Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 3Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 4Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 5Page - Kemet Corporation SS11V-06180-CH Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0023_SS11V/H-CH • 6/16/2014
AC Line Filters – SS Coils, SS11V/H-CH Type
Frequency Characteristics Cont’d
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderabilitybeforeuse.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability of external
electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate the
solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
AC Line Filters
36
Common mode
Frequency characteristic
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
333
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
03550
06180
05230
04350
03550
06180
05230
04350
07120
08083
11050
10062
07120
08083
11050
10062
13035
17024
22013
30006
13035
17024
22013
30006
R03820
R05350
R06270
R04520
R03820
R05350
R06270
R04520
R07190
R08125
R10093
R11076
R07190
R08125
R10093
R11076
R13052
R17036
R30009
R22020
R13052
R17036
R30009
R22020


Similar Part No. - SS11V-06180-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
More results

Similar Description - SS11V-06180-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS28V-R08600-CH KEMET-SS28V-R08600-CH Datasheet
297Kb / 4P
   SS Coils, SS28V/H-CH Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
   SS Coils, SS24V/H-CH Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
   SS Coils, SS35V/H Type
SS11V-07120-CH KEMET-SS11V-07120-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.012 H
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
   Common Mode SS Coils, 11V/H-CH Series
SS11V-06180-CH KEMET-SS11V-06180-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 0.018 H
SS11H-R10093-CH KEMET-SS11H-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS11V-08083-CH KEMET-SS11V-08083-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 8300 uH
SS11V-R10093-CH KEMET-SS11V-R10093-CH Datasheet
79Kb / 1P
   Commercial Grade, SS11V/H-CH, 9300 uH
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
   SS Coils, SS21V Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com