Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC26LS30DR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC26LS30DR2
Description  Dual Differential Quad Single-Ended (EIA-423-A) Line Drivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC26LS30DR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC26LS30DR2 Datasheet HTML 2Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 3Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 4Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 5Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 6Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 7Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 8Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 9Page - ON Semiconductor MC26LS30DR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC26LS30
http://onsemi.com
6
Figure 4. Differential Mode Enable Timing
NOTES:
1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tr, tf, p 10 ns.
2. Above tests conducted by monitoring output current levels.
Figure 5. Single–Ended Mode Rise/Fall Time and Data Propagation Delay
NOTES:
1. S.G. set to: f
p 100 kHz; duty cycle = 50%; tr, tf, p10 ns.
2. tSK4 = tPDH–tPDL for each driver.
3. tSK5 computed by subtracting the shortest tPDH from the longest tPDH of the 4 drivers within a package.
4. tSK6 computed by subtracting the shortest tPDL from the longest tPDL of the 4 drivers within a package.
VEE
tPZH
tPZL
tPLZ
tPHZ
1.5 V
Output
Current
(Vin = Lo)
0.1 VSS/RL
0.1 VSS/RL
VSS/RL
VSS/RL
0.5 VSS/RL
0.5 VSS/RL
RL
0 or 3.0 V
En
VSS
500 pF
450 Ω
S.G.
VCC
450
CC
+3.0 V
1.5 V
0 V
Vin
VCC
Vin
+2.5 V
S.G.
500 pF
VO
(Vin = Hi)
Vin
1.5 V
Vout 10%
50%
90%
tr
1.5 V
90%
0 V
10%
Vin
50%
tf
tPDL
tPDH


Similar Part No. - MC26LS30DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30DR2 ONSEMI-MC26LS30DR2 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
MC26LS30DR2G ONSEMI-MC26LS30DR2G Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
More results

Similar Description - MC26LS30DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC26LS30 ONSEMI-MC26LS30_05 Datasheet
117Kb / 14P
   Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers
March, 2005 ??Rev. 2
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
National Semiconductor ...
DS96F172M NSC-DS96F172M Datasheet
717Kb / 11P
   EIA-485/EIA-422 Quad Differential Drivers
MM78C29 NSC-MM78C29 Datasheet
157Kb / 8P
   Quad Single-Ended, Dual Differential Line Driver
logo
ON Semiconductor
MC74172B ONSEMI-MC74172B Datasheet
193Kb / 14P
   Quad EIA??85 Line Drivers
March, 2006 ??Rev. 3
logo
Motorola, Inc
MC75172B MOTOROLA-MC75172B Datasheet
115Kb / 12P
   Quad EIA-485 Line Drivers
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B Datasheet
180Kb / 12P
   QUAD EIA-485 LINE DRIVERS
1996 REV 1
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com