Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB38S Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # KMB38S
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

KMB38S Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  KMB38S Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd KMB38S Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.70
0.85
0.95
0.92
V
20
30
40
50
60
80
100
150
200
250
V
14
21
28
35
42
56
70
105
140
175
V
Symbol
3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
Typical Junction Capacitance
0.50
3.0
A
Features
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 90°C
IO
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 3.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.1
20
mA
RJL
RJA
10
50
°C/W
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Note: 1. Mounted on P.C. Board with 5.0mm2 copper pad area.
1 of 2
Typical Thermal Resistance (Note 1)
j
C
110
30
110
pF
Characteristic
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Unit
KMB32S – KMB325S
KMB32S – KMB325S
32S
KMB
Classification Rating 94V-O
Ideally Suited for Automatic Assembly
For Use in Low Voltage Application
!
Schottky Barrier Chip
!
Low Power Loss, High Efficiency
!
!
Plastic Case Material has UL Flammability
                            
Mechanical Data
High Surge Current Capability
!
!
33S
34S
35S
36S
38S
310S
315S
320S
325S
MIL-STD-202, Method 208
!
Case: MB-S, Molded Plastic
!
MIL-STD-202, Method 208
!
Polarity: As Marked on Case
!
Weight: 0.22 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
KMB
KMB
KMB
KMB
KMB
KMB
KMB
KMB
KMB
-
+
H
~
~
D
E
A
J
MB-S
Dim
Min
Max
A
4.50
4.95
B
3.60
4.10
C
0.15
0.35
D
—0.20
E
G
0.50
1.10
H
1.30
1.70
J
2.30
2.70
K
2.30
2.70
L
—3.00
All Dimensions in mm
—0.20
6.40
7.00
K
B
G
Alldatasheet


Similar Part No. - KMB38S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KMB38F ZSELEC-KMB38F Datasheet
394Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
More results

Similar Description - KMB38S

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
KABS32 ZSELEC-KABS32 Datasheet
140Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
TS320S ZSELEC-TS320S Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
KMB32F ZSELEC-KMB32F Datasheet
394Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_1 Datasheet
158Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
ES3A DIODES-ES3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B360AM DIODES-B360AM Datasheet
449Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com