Electronic Components Datasheet Search |
|
LL5233B Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
|
LL5233B Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd |
1 / 4 page Lead Free: For RoHS / Lead Free Version 500mW SURFACE MOUNT ZENER DIODE Features · Case: MiniMELF, Glass · Terminals: Solderable per MIL-STD-202, Method 208 · Polarity: Cathode Band · Approx. Weight: 0.05 grams Mechanical Data Maximum Ratings Notes: 1. Tested with Pulses, tp = 20ms. 2. Valid provided that Electrodes are kept at Ambient Temperature. Characteristic Symbol Value Unit Power Dissipation (Note 2) Pd 500 mW Forward Voltage @ IF = 200mA VF 1.1 V Thermal Resistance, Junction to Ambient Air (Note 2) RqJA 300 K/W Operating and Storage Temperature Range Tj,TSTG -55 to +175 °C · Planar Die Construction · Sealed Glass Case · Ideally Suited for Automated Insertion · 2.4V - 75V Nominal Zener Voltages @ TA = 25°C unless otherwise specified MiniMELF Dim Min Max A 3.30 3.70 B 1.30 1.60 C 0.28 0.50 All Dimensions in mm C A B 1 of 4 Z ibo Seno Electronic Engineering Co., Ltd. www.senocn.com LL5221B~LL5271B · LL5221B~LL5271B Alldatasheet |
Similar Part No. - LL5233B |
|
Similar Description - LL5233B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |