Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL55C62 Datasheet(PDF) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # LL55C62
Description  500mW ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

LL55C62 Datasheet(HTML) 3 Page - Zibo Seno Electronic Engineering Co.,Ltd

  LL55C62 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd LL55C62 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd LL55C62 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
100
200
300
400
500
0
5
10
15
20
l, LEAD LENGTH (mm)
Fig. 2, Thermal Resistance vs Lead Length
0
50
100
150
200
0
5
10
15
20
25
V , ZENER VOLTAGE (V)
Z
Fig. 3, Diode Capacitance vs Zener Voltage
V = 2V
R
T = 25C
j
1
10
100
1000
0
5
10
15
20
25
V , ZENER VOLTAGE (V)
Z
Fig. 4, Differential Zener Impedance
I = 1mA
Z
5mA
10mA
T = 25°C
j
0
100
200
300
400
500
0
40
80
120
160
200
T , AMBIENT TEMPERATURE
A
Fig.1, Power Dissipation vs Ambient Temperature
3 of 3
www.senocn.com
Z ibo Seno Electronic Engineering Co., Ltd.
LL55C2V4-LL55C75
LL55C2V4 - LL55C75
Alldatasheet


Similar Part No. - LL55C62

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LL55C FORMOSA-LL55C Datasheet
445Kb / 5P
   Zener diode
logo
Yangzhou yangjie electr...
LL55C YANGJIE-LL55C Datasheet
933Kb / 4P
   Zener diode
More results

Similar Description - LL55C62

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
   ZENER DIODE, 500mW
logo
Zibo Seno Electronic En...
BZX55C2V4 ZSELEC-BZX55C2V4 Datasheet
46Kb / 3P
   500mW ZENER DIODE
logo
Compensated Deuices Inc...
CDLL5518 CDI-DIODE-CDLL5518 Datasheet
94Kb / 2P
   ZENER DIODE, 500mW
logo
Diodes Incorporated
BZX55C2V4 DIODES-BZX55C2V4 Datasheet
168Kb / 3P
   500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
Cystech Electonics Corp...
ZD5270BSH CYSTEKEC-ZD5270BSH Datasheet
305Kb / 7P
   500mW Zener Diode
logo
Microsemi Corporation
IN5519BUR-1 MICROSEMI-IN5519BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
logo
Cystech Electonics Corp...
ZD5221ASH CYSTEKEC-ZD5221ASH Datasheet
269Kb / 6P
   500mW Zener Diode Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com