Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9695BCPZ-625 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9695BCPZ-625
Description  Dual Analog-to-Digital Converter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9695BCPZ-625 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9695BCPZ-625 Datasheet HTML 5Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 6Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 7Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 8Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 9Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 10Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 11Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 12Page - Analog Devices AD9695BCPZ-625 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
AD9695
Data Sheet
Rev. 0 | Page 8 of 135
AC SPECIFICATIONS—625 MSPS
AVDD1 = 0.95 V, AVDD1_SR = 0.95 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V, DVDD = 0.95 V, DRVDD1 = 0.95 V, DRVDD2 = 1.8 V, SPIVDD =
1.8 V, clock divider = 2, default input full scale, 0.5 V internal reference, AIN = −1.0 dBFS, default SPI settings, and sample rate = 625 MSPS, DCS
off, buffer current setting specified in Table 11, unless otherwise noted. Minimum and maximum specifications are guaranteed for the full
operating junction temperature (TJ) range of −40°C to +105°C. Typical specifications represent performance at TJ = 35°C (TA = 25°C for the
AD9695-625 speed grade).
Table 3.
Parameter1
Analog Input Full
Scale = 1.36 V p-p
Analog Input Full Scale =
1.7 V p-p
Analog Input Full Scale =
2.04 V p-p
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ANALOG INPUT FULL SCALE
1.36
1.7
2.04
V p-p
NOISE DENSITY2
−150.5
−152.3
−153.5
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 10.3 MHz
65.5
67.3
68.6
dBFS
fIN = 172.3 MHz
65.4
65.5
67.2
68.5
dBFS
fIN = 340 MHz
65.4
67.1
68.3
dBFS
fIN = 750 MHz
65.0
66.6
67.7
dBFS
fIN = 1000 MHz
64.8
66.3
67.3
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION
RATIO (SINAD)
fIN = 10.3 MHz
65.5
66.9
67.2
dBFS
fIN = 172.3 MHz
65.4
66.3
67.0
68.0
dBFS
fIN = 340 MHz
65.2
67.0
67.9
dBFS
fIN = 750 MHz
64.9
65.4
67.0
dBFS
fIN = 1000 MHz
64.6
65.0
67.0
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10.3 MHz
10.6
10.8
10.9
Bits
fIN = 172.3 MHz
10.6
10.6
10.8
11.0
Bits
fIN = 340 MHz
10.5
10.8
11.0
Bits
fIN = 750 MHz
10.5
10.6
10.8
Bits
fIN = 1000 MHz
10.4
10.5
10.8
Bits
SPURIOUS FREE DYNAMIC RANGE
(SFDR)
fIN = 10.3 MHz
88
79
74
dBFS
fIN = 172.3MHz
88
75
89
78
dBFS
fIN = 340 MHz
79
80
77
dBFS
fIN = 750 MHz
83
84
77
dBFS
fIN = 1000 MHz
85
83
82
dBFS
WORST OTHER, EXCLUDING 2ND OR
3RD HARMONIC
fIN = 10.3 MHz
−100
−101
−99
dBFS
fIN = 172.3 MHz
−101
−97
−90
−99
dBFS
fIN = 340 MHz
−100
−102
−98
dBFS
fIN = 750 MHz
−98
−98
−100
dBFS
fIN = 1000 MHz
−100
−98
−100
dBFS
TWO-TONE INTERMODULATION
DISTORTION (IMD), AIN1 AND AIN2 =
−7.0 dBFS
fIN1 = 170.8 MHz, fIN2 = 173.8 MHz
−88
−88
−83
dBFS
fIN1 = 343.5 MHz, fIN2 = 346.5 MHz
−89
−89
−84
dBFS
CROSSTALK3
>95
>95
>95
dB
Overrange Condition4
>95
>95
>95
dB


Similar Part No. - AD9695BCPZ-625

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9695-1300EBZ AD-AD9695-1300EBZ Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results

Similar Description - AD9695BCPZ-625

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com